Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG3521XP-4NF Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # HG3521XP-4NF
Description  3450 MHz to 3800 MHz Cross Polarization MIMO Flat Panel Antenna, 21 dBi gain, 4 Port with N Female Connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG3521XP-4NF Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  HG3521XP-4NF Datasheet HTML 1Page - Infinite Electronics International, Inc. HG3521XP-4NF Datasheet HTML 2Page - Infinite Electronics International, Inc. HG3521XP-4NF Datasheet HTML 3Page - Infinite Electronics International, Inc. HG3521XP-4NF Datasheet HTML 4Page - Infinite Electronics International, Inc. HG3521XP-4NF Datasheet HTML 5Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
USA & Canada +1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
2
HG3521XP-4NF REV 1.0 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
3450 MHz to 3800 MHz Cross Polarization MIMO Flat Panel
Antenna, 21 dBi gain, 4 Port with N Female Connectors
HG3521XP-4NF
Impedance
50
Ohms
Gain
22
dBi
Front to Back Ratio
25
dB
Horizontal (Azimuth) HPBW
15
Degrees
Vertical (Elevation) HPBW
15
Degrees
Input Power
50
Watts
.
Mechanical Specifications
Radome Material
ABS
Housing Plating/Color
White
Size
Length
17.72 in [450.09 mm]
Width
17.72 in [450.09 mm]
Height
1.29 in [32.77 mm]
Mounting Mast Diameter
1.38 to 1.97 in [35.05 to 50.04 mm]
Environmental Specifications
Temperature
Operating Range
-40 to +60 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com