Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT711S Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT711S
Description  ultra thin, plastic moulded package with a maximum height of 1.4 mm.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT711S Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT711S Datasheet HTML 1Page - Advanced Crystal Technology ACT711S Datasheet HTML 2Page - Advanced Crystal Technology ACT711S Datasheet HTML 3Page - Advanced Crystal Technology ACT711S Datasheet HTML 4Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The ACT711S is an ultra thin, plastic moulded package with a maximum height of 1.4 mm. The package
contains a highly reliable cylinder type quartz crystal and is ideally suitable for automatic insertion,
especially where PCB component mounting space is at a premium.
Applications include Wireless Communications Equipment, Pagers, PDAs, Cellular Phones, Portable
applications, and a variety of clock sources.
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
Customer to specify : Frequency Tolerance, Load Capacitance
Please note that all parameters can not necessarily be specified in the same device
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
Drive Level
ACT711S
Specification
±20ppm / ±50ppm
Specification
Parameter
-40 ~+85°C
-55 ~ +125°C
Frequency Range
Frequency Tolerance
Frequency v Temperature @25°C
Turnover Temperature
Temp. Coefficient
Tp
Δf/fo
Equivalent Series Resistance
CL
C0
ESR
Load Capacitance
Shunt Capacitance
Tsol
Fa
Aging
Reflow Profile
±3ppm max 25°C ±3°C, First Year
1.0
μW ( 0.1μW Recommended )
260°C max x 5 secs x 2 times (max IR reflow)
7.0pF / 12.5pF
0.8pF typical
65K
Ω max
(-3.5±1.0) x 10-8/°C²
fo
Symbol
32.768KHz
Temp Operating Range
Temp Storage Range
DL max
Tstg
Topr
K
TC
See Drawing
+25°C ±5°C
0.55
1.5 max
7.0 max
6.7
0.2
0.4
0.2
0.6
0.3
1.2
5.1
1.2
1.4 max
Suggested Footprint
#1
#2
#3
#4
#1
#2
#3
Dimensions in mm
0.3
0.4
Issue: 6 A3
Date: 14/09/05
-20 -10
0
+10 +20 +30 +40 +50 +60
0
-10
-20
-30
-40
-50
-60
Δ f/f (ppm)
Temperature °C
Typical Temperature Characteristics
Pad Plating Material SnBi
1 of 4


Similar Part No. - ACT711S

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT711S ACT-ACT711S_13 Datasheet
419Kb / 4P
ultra thin, plastic moulded package with a maximum height of 1.4 mm.
13-02-2013
More results

Similar Description - ACT711S

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
ETCSP AMKOR-ETCSP Datasheet
148Kb / 2P
the first ball grid array capable of an extremely thin 0.5 mm maximum mounted height.
logo
Advanced Crystal Techno...
ACT132SMX ACT-ACT132SMX Datasheet
283Kb / 4P
a low height, plastic moulded package incorporating a cylinder type crystal.
26/7/0
logo
AEL Crystals Ltd
CM200 AEL-CM200 Datasheet
137Kb / 1P
Plastic Moulded Watch Crystals
SXA-86SMX AEL-SXA-86SMX Datasheet
142Kb / 1P
Plastic Moulded Crystal
logo
ILSI America LLC
IL3R ILSI-IL3R Datasheet
46Kb / 2P
4 Pad Plastic Package, 1.4 mm x 7 mm
logo
Advanced Crystal Techno...
ACT711E ACT-ACT711E Datasheet
276Kb / 2P
ultra thin, plastic moulded package with a maximum height of 1.4 mm.
05-08-2010
ACT711S ACT-ACT711S_13 Datasheet
419Kb / 4P
ultra thin, plastic moulded package with a maximum height of 1.4 mm.
13-02-2013
logo
Abracon Corporation
ASDM1-100.000MHZ-LC-T ABRACON-ASDM1-100.000MHZ-LC-T Datasheet
2Mb / 3P
ULTRA MINIATURE PLASTIC PACKAGE ULTRA MINIATURE PLASTIC PACKAGE
07.21.11
logo
Dialog Semiconductor
SLG59M1493Z DIALOG-SLG59M1493Z Datasheet
193Kb / 12P
Ultra-small 17 m 2.5 A Load Switch with Discharge in Lo-ZTM Ultra-thin Package
logo
Rohm
CSL1501RW ROHM-CSL1501RW Datasheet
742Kb / 9P
Thin, ultra-compact package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com