Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT752VT-4 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT752VT-4
Description  available in TCXO and VCTCXO versions.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT752VT-4 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT752VT-4 Datasheet HTML 1Page - Advanced Crystal Technology ACT752VT-4 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ACT752T-4 (TCXO) ACT752VT-4 (VCTCXO) Clipped Sinewave
# Oscillator will function over this range of Vcc but will not necessarily meet the specifications for a Vcc outside of 3.3±0.3V.
ISO9001:2000 Registered
Output Load
Customer to specify : Frequency, Type, Stability, Operating Temperature Range.
Please note that all parameters can not necessarily be specified in the same device
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
10K
Ω / 10pF
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
VCTCXO
VCTCXO
For quotations or further information please contact us at:
@ Specified Operating Temp. range
25+/-3°C
+3.0V ± 0.3V
10K
Ω / 10pF ± 10%
Iop
-40~ 85°
3.0V ±0.3V
2.0mA max
2.5mSec max, 2mSec typical.
Tstg
±8ppm min
+2.7VDC ~ 5.0VDC
Vout
Vcont
Voltage Control Range
Output Voltage
Specification
The ACT752T/VT-4 is available in TCXO and VCTCXO versions. Both of which are housed
in a ceramic package with a seam sealed metal lid and mounted on a substrate, having
external components. Ideal for Communications Applications.
Please specify whether you require a TCXO or VCTCXO version when ordering.
Parameter
Symbol
Specification
Condition
-30° ~ +75°C & -30° ~ +85°C
vs. Temperature
Frequency Stability
Please specify
10.0 ~ 26.00 MHz
±2.5ppm
Positive / 10% max
vs. Reflow
Temp Operating Range
Storage Temp Range
Supply Voltage
Supply Current
VCTCXO
Clipped Sine Wave
One solder reflow cycle
Please specify
Rating please see note (#) below
±1.0ppm per year
vs. Aging
Input Voltage Range
±0.5ppm
Topr
Vcc
±0.3ppm
N/CL
Start up Time
±0.2ppm
0.5V to +2.5V
0.8V p-p max
Frequency Range
fo
Slope Polarity/Linearity
Output Waveform
Tuning Adjustment
vs. Voltage change
vs. Load change
Vin
Df/fo
Fa
Issue: 4 I3
Date:28/10/05
Pad Surface Material
Au


Similar Part No. - ACT752VT-4

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT752SMX-2 ACT-ACT752SMX-2 Datasheet
196Kb / 2P
low cost, 2 pad, high quality, low aging 7x5mm SMD Crystal
31-5-2012
More results

Similar Description - ACT752VT-4

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT532T-4 ACT-ACT532T-4 Datasheet
176Kb / 2P
available in TCXO and VCTCXO versions
12/10/05
ACT751T-4 ACT-ACT751T-4 Datasheet
179Kb / 2P
available in TCXO and VCTCXO versions
12/10/05
logo
PETERMANN-TECHNIK
M4517 PETERMANN-M4517 Datasheet
139Kb / 3P
HIGH RELIABILITY FOR LOW COST AVAILABLE AS TCXO AND VCTCXO
M4518 PETERMANN-M4518 Datasheet
134Kb / 3P
HIGH RELIABILITY FOR LOW COST AVAILABLE AS TCXO AND VCTCXO
logo
M.S. Kennedy Corporatio...
MSK5010-33 MSK-MSK5010-33_15 Datasheet
743Kb / 7P
Available in 3.3V, 5.0V and 12.0V versions
MSK5010-50 MSK-MSK5010-50_15 Datasheet
743Kb / 7P
Available in 3.3V, 5.0V and 12.0V versions
MSK5010-120 MSK-MSK5010-120_15 Datasheet
743Kb / 7P
Available in 3.3V, 5.0V and 12.0V versions
MSK5020-33 MSK-MSK5020-33_15 Datasheet
422Kb / 6P
Available in 3.3V, 5.0V and 12.0V versions
MSK5020-120 MSK-MSK5020-120_15 Datasheet
422Kb / 6P
Available in 3.3V, 5.0V and 12.0V versions
logo
Xilinx, Inc
XCS05 XILINX-XCS05 Datasheet
776Kb / 83P
Available in both 5V and 3.3V versions
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com