Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7541TR Datasheet(PDF) 32 Page - STMicroelectronics

Part # TDA7541TR
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541TR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TDA7541TR Datasheet HTML 28Page - STMicroelectronics TDA7541TR Datasheet HTML 29Page - STMicroelectronics TDA7541TR Datasheet HTML 30Page - STMicroelectronics TDA7541TR Datasheet HTML 31Page - STMicroelectronics TDA7541TR Datasheet HTML 32Page - STMicroelectronics TDA7541TR Datasheet HTML 33Page - STMicroelectronics TDA7541TR Datasheet HTML 34Page - STMicroelectronics TDA7541TR Datasheet HTML 35Page - STMicroelectronics TDA7541TR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 76 page
background image
Functional description
TDA7541
32/76
The AMIF2 block contains mixer2, IF2 amplifier, demodulator and AGC2
The AM/FM mixer2 converts 10.7MHz IF1 into 450 kHz IF2. Mixer2 output passes a 450
kHz narrow band filter (LC plus ceramic filter). LC centre frequency is adjustable by IIC-bus
(IF2A). The following IF2 amplifier provides signal for fully integrated demodulator.
Mixer2 and IF2 amplifier have a 2-stage AGC with careful take-over behaviour to keep
distortion low. The IF2 AGC range is about 55dB.
The input signal of IF2 amplifier is used in limiter circuit for in-band level detection. The
electrical characteristics are described in FM section.
The demodulator is a peak detector to generate the audio output signal.
At the MUX output the AMIF stereo is available.
AM IF noise blanker
In order to remove in AM short spikes a noise cancellation conception is used in 450KHz IF
AM level. The advantage is to avoid long narrow AGC- and demodulator- time constants,
which enlarge spike influences on audio signal and makes difficult to remove it in audio path.
The 10,7MHz AM IF signal behind IF1 amplifier generates via limitation an unweighted field
strength signal including slope of noise spike. The comparison of this detected slope
between fast and slow rectifier ignores audio modulation whereby the threshold of slow
rectifier is programmable (AINBT). A comparator activates a pulse generator. The duration
of this pulse is software programmable (AINT) and is smooth blanking out the spikes in
mixer2.
4.3
Stereo decoder
4.3.1
Decoder
The stereo decoder-part of the TDA7541 contains all functions necessary to demodulate the
MPX-signal, like pilot tone-dependent MONO/STEREO switching as well as the stereo
blend and high cut.
Adaptations like programmable input gain, roll-off compensation, selectable deemphasis
time constant and a programmable field strength input allow easy adoption to different
applications.
The 4.th order input filter has a corner frequency of 80 kHz and is used to attenuate spikes
and noise and acts as an anti-aliasing filter for the following switch capacitor filters.
Demodulator
In the demodulator block the left and the right channel are separated from the MPX-signal.
In this stage also the 19-kHz pilot tone is canceled. For reaching a high channel separation
the TDA7541 offers an I2C bus programmable roll-off adjustment, which is able to
compensate the low pass behavior of the tuner section. Within the compensation range an
adjustment to obtain about 40dB channel separation is possible. The bits for this adjustment
are located together with the level gain adjustment in one byte. This gives the possibility to
perform an optimization step during the production of the car radio where the channel
separation and the field strength control are trimmed.
In addition to that the FM signal can be inverted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com