Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF458C Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTF458C
Description  low-loss, compact, and economical surface-acoustic-wave filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF458C Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTF458C Datasheet HTML 1Page - Advanced Crystal Technology ACTF458C Datasheet HTML 2Page - Advanced Crystal Technology ACTF458C Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
The ACTF458C/458.0/F11 is a low-loss, compact, and economical surface-acoustic-wave (SAW)
filter in a low-profile metal F-11 case, for mobile radio applications, with a centre frequency of
458.000 MHz.
1. Package Dimension (F-11)
2.
3. Test Circuit
Pin
Configuration
1
Input / Output
4
Output / Input
2/3
Case Ground
Dimensions
Data (unit: mm)
A
11.0±0.3
B
4.5±0.3
C
3.2±0.3
D
0.45±0.1
E
5.0±0.5
F
2.54±0.2
Issue : 1 C1
Date : SEPT 04


Similar Part No. - ACTF458C

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF458C ACT-ACTF458C Datasheet
159Kb / 3P
SAW Filter
March 2010
ACTF458C/458.0/F11 ACT-ACTF458C/458.0/F11 Datasheet
159Kb / 3P
SAW Filter
March 2010
ACTF458C ACT-ACTF458C_10 Datasheet
159Kb / 3P
SAW Filter
March 2010
More results

Similar Description - ACTF458C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACTF377 ETC-ACTF377 Datasheet
93Kb / 3P
low-loss, compact, and economical surface-acoustic-wave filter
logo
Advanced Crystal Techno...
ACTF433E ACT-ACTF433E Datasheet
66Kb / 3P
low-loss, compact, and economical surface-acoustic-wave filter
SEPT 04
ACTF43392 ACT-ACTF43392 Datasheet
51Kb / 3P
low-loss, compact, and economical surface-acoustic-wave filter
SEPT 04
ACTF303875 ACT-ACTF303875 Datasheet
88Kb / 3P
low-loss, compact, and economical surface-acoustic-wave filter
SEPT 04
ACTF303825 ACT-ACTF303825 Datasheet
88Kb / 3P
low-loss, compact, and economical surface-acoustic-wave filter
SEPT 04
ACTF59-14 ACT-ACTF59-14 Datasheet
43Kb / 2P
low-loss, compact and economical surface-acoustic-wave filter
SEPT 04
ACTF1459 ACT-ACTF1459 Datasheet
37Kb / 2P
low-loss, compact and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF2703 ACT-ACTF2703 Datasheet
69Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF4003 ACT-ACTF4003 Datasheet
67Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF4006 ACT-ACTF4006 Datasheet
62Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com