Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRO237 Datasheet(PDF) 8 Page - Clarke International

Part # PRO237
Description  DIGITAL TORQUE WRENCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PRO237 Datasheet(HTML) 8 Page - Clarke International

Back Button PRO237 Datasheet HTML 4Page - Clarke International PRO237 Datasheet HTML 5Page - Clarke International PRO237 Datasheet HTML 6Page - Clarke International PRO237 Datasheet HTML 7Page - Clarke International PRO237 Datasheet HTML 8Page - Clarke International PRO237 Datasheet HTML 9Page - Clarke International PRO237 Datasheet HTML 10Page - Clarke International PRO237 Datasheet HTML 11Page - Clarke International PRO237 Datasheet HTML 12Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
OPERATION
1. Select the socket required and attach it to the square drive. If possible, avoid the
use of flexible extensions or universal joints which could possibly result in
inaccurate torque readings.
2. Engage the nut or bolt and apply a steady pull with the wrench.
• As the torque reaches half the target value, the LED will show a yellow
light, as the target torque is reached, the LED will illuminate in green and
the alarm will bleep. When the target is exceeded by approximately 2%
the LED will show a red light accompanied by a continuous alarm tone.
• If in the PEAK mode, the measured torque will be displayed and the
highest value measured will remain as a flashing display until the wrench is
re-set for the next measurement by pressing the
button, or the
wrench reaches the time limit to automatically power-off.
• If in the TRACK mode, the actual torque applied at any moment will be
displayed.
3. When the continuous tone is heard, you have reached/exceeded your target
torque, so stop pulling immediately.
NOTE: If the wrench is operated to its maximum range, the coloured LED will
indicate green at 98% of the range, yellow at 100% and then change to red
with a continuous tone and
‘ERRO‘ displayed above this point.
CARE OF THE TORQUE WRENCH DURING USE
1. For assured accuracy of the wrench, periodic self re-setting is necessary as
described under MAINTENANCE & CALIBRATION.
2. Check that the wrench capacity is adequate for the anticipated load before
proceeding and do not exceed the maximum torque setting for the wrench as
stated in the Technical Specification.
3. Re-set the wrench as described under MAINTENANCE & CALIBRATION, if you
believe its capacity may have been exceeded.
4. NEVER apply force with the torque wrench when the power is off. Always turn the
unit on before using it.
5. Take care not to damage the LCD display.
CAUTION: NEVER USE THE TORQUE WRENCH WHEN THERE IS A LOW
BATTERY CONDITION AS THE ACCURACY WILL BE AFFECTED.
CAUTION: NEVER EXCEED THE PERMITTED MAXIMUM TORQUE VALUE FOR
THIS WRENCH. OVERLOADING COULD CAUSE DAMAGE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com