Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG10 Datasheet(PDF) 2 Page - Clarke International

Part # CSG10
Description  3-Way Staple Gun
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSG10 Datasheet(HTML) 2 Page - Clarke International

  CSG10 Datasheet HTML 1Page - Clarke International CSG10 Datasheet HTML 2Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2. Operating the Gun
The gun is operated by first placing it directly over
the point to be stapled and holding down firmly with
the palm of one hand, on the pressure screw (C) whilst
pressing down firmly and progressively on the handle
(B), until the gun ‘fires’ and the staple or nail is inserted.
To assist in positioning the staple correctly, the front
face of the gun has a notch at its base, to indicate the
place at which stapling will occur. The notch should
be centered over the point to be stapled.
If you are using nails, then the edge of the notch is
similarly placed over the point to be nailed, (which
side, depends upon which carriage rail the nails are
located).
The pressure screw (C) may be adjusted so that it will
apply the appropriate force to the staple or nail,
depending upon the material being stapled.
Note: The softer the material, the less force will be
required to drive in the staple or nail. Excessive
force may damage the material being stapled.
It is advised therefore, that where necessary, you
should slacken off the pressure screw and test its
action, progressively increasing the pressure by
turning the screw until you determine the pressure
required to correctly staple the material without it
being damaged.
If you are stapling fabric, take care not to use too
great a pressure as this may cause the staple to go
right through, tearing the fabric.
NOTE: A hole is provided in the body, shown at
‘D’, through which the staples may be viewed. By
keeping an eye on this,it is possible to determine
when a reload is required.
MAINTENANCE
In the event the gun jams, and/or staples become
enmeshed within the gun, proceed as follows:
(a)
Remove the pressure rod and spring assembly
(G).
(b)
The carriage (E) is held in place by two lugs on
its front end, which locate into two slots in the front
edge of the gun. Holding the gun firmly, pull back the
carriage against spring pressure, using the finger grips
(F), on its sides. This will dislocate the lugs from their
slots. Apply a downwards pressure on the carriage
and release it, allowing it to swing on its hinge as
illustrated.
NOTE: If difficulty is encountered in pulling back
on the lugs, it may be necessary to use a tool (e.g.
plyers) to grasp the open end of the carriage and
pull back in order to dislocate the lugs.
Any damaged material may now be carefully
removed using a pair of pliers or similar.
When replacing the carriage, ensure it is completely
forward and the lugs are fully engaged in their
slots. Failure to comply with this rule may cause
the gun to jam.
IMPORTANT: Always remove the Pressure Rod
and Spring Assembly BEFORE dislocating the
carriage. Failure to follow this rule could
result in personal injury.
When you have finished using the gun, always remove
any unused staples or nails, and relieve the pressure
on the spring by unscrewing the pressure screw (C).
Secure the handle with the safety catch (A).
Hemnall Street, Epping, Essex CM16 4LG
ACCESSORIES
A range of replacement staples and nails are
available from your CLARKE dealer, including the
following:
Item
Part No.
Square Staples 6mm
1800240
Square Staples 8mm
1800245
Square Staples 10mm
1800250
Square Staples 12mm
1800255
Square Staples 14mm
1800260
Round Staples 12mm
1800230
SPARE PARTS
Item Description
Part No.
G
Rod Assembly
KL18004
C
Adjuster Screw
KL18002
For sales and service, contact your Clarke
dealer. For details of your nearest dealer
contact:
CLARKE International on 01992 565300
or e-mail:
Sales@clarkeinternational.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com