Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTFF374S Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTFF374S
Description  Wireless LAN applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTFF374S Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTFF374S Datasheet HTML 1Page - Advanced Crystal Technology ACTFF374S Datasheet HTML 2Page - Advanced Crystal Technology ACTFF374S Datasheet HTML 3Page - Advanced Crystal Technology ACTFF374S Datasheet HTML 4Page - Advanced Crystal Technology ACTFF374S Datasheet HTML 5Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
The ACTFF374S/374.0/TO39-2 is a low-loss, compact, and economical surface-acoustic-wave
(SAW) filter in a low-profile metal TO-39 case for Wireless LAN applications.
1. Package Dimension (TO-39)
2,
3. Matching network (Element values may depend on PCB layout)
50
Ω unbalanced:
Pin
Configuration
1
Input / Output
2
Output / Input
3
Case Ground
Dimension
Data (unit: mm)
A
9.30±0.20
B
5.08±0.10
C
3.40±0.20
D
3±0.20
⁄ 5±0.20
E
0.45±0.20
Issue : 1 C1
Date : SEPT 04


Similar Part No. - ACTFF374S

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF00038 ACT-ACTF00038 Datasheet
81Kb / 3P
low-loss, wide band SAW filter
SEPT 04
ACTF00038 ACT-ACTF00038 Datasheet
151Kb / 3P
SAW filter
March 2010
ACTF00038/947.50/DCC6C ACT-ACTF00038/947.50/DCC6C Datasheet
81Kb / 3P
low-loss, wide band SAW filter
SEPT 04
ACTF00038 ACT-ACTF00038_10 Datasheet
151Kb / 3P
SAW filter
March 2010
ACTF0015 ACT-ACTF0015 Datasheet
72Kb / 3P
a low-loss, compact, and economical surface-acoustic-wave (SAW)
SEPT 04
More results

Similar Description - ACTFF374S

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
SP-6128 PROTECHSYSTEMS-SP-6128 Datasheet
598Kb / 2P
Optional Wireless LAN module
logo
Level One
WAC-1000 LVL1-WAC-1000 Datasheet
1,006Kb / 4P
Wireless LAN Controller
WAC-1001 LVL1-WAC-1001 Datasheet
1,005Kb / 4P
Gigabit Wireless LAN Controller
logo
Rohm
BP359B ROHM-BP359B Datasheet
1Mb / 29P
Wireless LAN Module
BP3580 ROHM-BP3580 Datasheet
936Kb / 2P
Integrated Wireless LAN Modules
logo
Level One
WAC-2000 LVL1-WAC-2000 Datasheet
449Kb / 3P
Gigabit Wireless LAN Controller
logo
NIHON DEMPA KOGYO
2725T NDK-2725T_18 Datasheet
931Kb / 1P
For wireless LAN
logo
Soshin electric Co., Lt...
DBF70B001 SOSHIN-DBF70B001 Datasheet
90Kb / 2P
2.4GHz Wireless LAN & Bluetooth
logo
M-System Co.,Ltd.
IT50SW1 MSYSTEM-IT50SW1 Datasheet
295Kb / 6P
WIRELESS LAN TOWER LIGHT
IT40SW2 MSYSTEM-IT40SW2 Datasheet
315Kb / 6P
WIRELESS LAN TOWER LIGHT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com