Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF46 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTF46
Description  This specification covers the characteristics of the following SAW Duplexer used for the cordless phones:
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF46 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTF46 Datasheet HTML 1Page - Advanced Crystal Technology ACTF46 Datasheet HTML 2Page - Advanced Crystal Technology ACTF46 Datasheet HTML 3Page - Advanced Crystal Technology ACTF46 Datasheet HTML 4Page - Advanced Crystal Technology ACTF46 Datasheet HTML 5Page - Advanced Crystal Technology ACTF46 Datasheet HTML 6Page - Advanced Crystal Technology ACTF46 Datasheet HTML 7Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Tel :
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
3.3 Environmental Performance Characteristics
Item Test Condition
Allowable change of absolute
Level at centre frequency (dB)
High temperature test
70
°C 16H
< 1.0
Low temperature test
-25
°C 2H
< 1.0
Humidity test
40
°C 90-95% 100H
< 1.0
Thermal cycle
-25
°C==25°C==70°C 3 cycles
30min. 5min. 30min.
< 1.0
Solder temperature test
Sold temp.260
°C for 10 sec.
< 1.0
Soldering
Immerse the pins melt solder
At 260
°C+5/-0°C for 5 sec.
More then 95% of total
Area of the pins should
be covered with solder
3.4 Mechanical Test
Item Test Condition
Allowable change of absolute
Level at centre frequency (dB)
Vibration test
Frequency 10~55Hz amplitude 1.5mm
3 directions 2 H each
<1.0
Drop test
On maple plate from 1 m high 3 times
<1.0
Lead pull test
Pull with 1 kg force for 30 seconds
<1.0
Lead bend test
90
o bending with 500g weigh 2 times
<1.0
Issue : 1 C1
Date : SEPT 04



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com