Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTR3 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTR3
Description  US channel RF modulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTR3 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTR3 Datasheet HTML 1Page - Advanced Crystal Technology ACTR3 Datasheet HTML 2Page - Advanced Crystal Technology ACTR3 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
5.Performance
5-1.Electrical Characteristics
Reference temperature shall be 25+2
°C.
5-2.Maximum Rating
Item
Specification
Remarks
3ch
61.24±0.08MHz
Resonant Frequency
4ch
67.24±0.08MHz
3ch
Resonator Loss
4ch
3.8 dB Typical
5.0 dB Max
Measured by HP8711A
3ch
Parallel Capacitance
4ch
4.5±1.0 pF
Measured by LCR Meter
HP4275A
Temp Coef. for Frequency
±8 ppm/
°C Max
-10
°C to +60°C
Item
Terminals to Measure
Maximum rating
Remarks
DC Voltage
3ch – Common
4ch – Common
10V
10V
Pulse Impressing
Between each terminal
10V
1/60 sec. Max
AC Voltage
Between each terminal
10Vp-p
Commercial
Frequency
Operation Temp.
-10
°C to +60°C
Storage Temp.
-40
°C to +80°C
Level
3ch- common
4ch- common
0.2mW
(Posc=I²Re)
I: Oscillation
Current
Re: Oscillation
Imp
Issue : 1 C1
Date : SEPT 04



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com