Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTR2 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTR2
Description  US channel RF modulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTR2 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTR2 Datasheet HTML 1Page - Advanced Crystal Technology ACTR2 Datasheet HTML 2Page - Advanced Crystal Technology ACTR2 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
5 - 3 Solderability
Solderability
Dipping terminals into Methanol (JIS-K-501)
of rosin(JIS-K-5902) Then, into molten
solder at 230+5
°C for 3+0.5°C seconds
More than 95
℅ of
the terminal
surface should be
covered in smooth
solder
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
1.
The centre frequency, fC, is measured at the minimum IL point with the resonator in the 50 Ω test system.
2.
Unless noted otherwise, case temperature TC = +25°C±2°C.
3.
Frequency aging is the change in fC with time and is specified at +65°C or less. Aging may exceed the
specification for prolonged temperatures above +65°C. Typically, aging is greatest the first year after
manufacture, decreasing in subsequent years.
4.
Derived mathematically from one or more of the following directly measured parameters: f C, IL, 3 dB
bandwidth, fC versus TC, and C0.
5.
The specifications of this device are subject to change or obsolescence without notice.
6.
Typically, equipment utilizing this device requires emissions testing and government approval, which is the
responsibility of the equipment manufacturer.
7.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications,
processes and circuits implemented within components or assemblies.
Issue : 1 C1
Date : SEPT 04



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com