Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT39A Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACT39A
Description  compact crystal resonator offering high vibration and shock resistance together with high stability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT39A Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACT39A Datasheet HTML 1Page - Advanced Crystal Technology ACT39A Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tel: 0044 (0)118 979 1238
Fax: 0044 (0)118 979 1283
E-mail: info@actcrystals.com
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice.
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
ISO9001: 2000 Registered
Please note that all parameters can not necessarily be specified in the same device
Customer to Specify : Frequency, Frequency Tolerance, Operating Temperature Range & Load Capacitance
SOLDERING of CYLINDER CRYSTALS
Lead wire should be soldered within 5 seconds with the iron having a tip
temperature of less than 270°C. Case temperature should not exceed
150°C
With regard to wave soldering it is recommended that the process is
carried out with the crystal unit set upright on the circuit board. Should the
process be carried out with the crystal unit on its side then steps must be
taken to prevent heat transfer through the can.
Should the whole crystal unit be heated (in a re-flow oven for example) it
will result in amarked deterioration of the performance or even failure to
oscillate. This is due to the internal construction of the crystal unit which
involves the use of solder.
Issue : 3 C1 (M4)
Date : 07/09/04
2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com