Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT38A Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT38A
Description  compact crystal resonator offering high vibration and shock resistance together with high stability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT38A Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT38A Datasheet HTML 1Page - Advanced Crystal Technology ACT38A Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel: 0044 (0)118 979 1238
Fax: 0044 (0)118 979 1283
E-mail: info@actcrystals.com
case size 3x9mm
( 39 )
14-49.5MHZ
case size 3x8mm
( 38A )
49.5-70MHz
case size 3x9mm
( 39 )
4.0-10MHz
10-49.5MHZ
49.5-70MHz
4.0-10MHz
10-49.5MHZ
49.5-70MHz
4.0-10MHz
-10~+70°C
10~49.5MHz
49.5~70MHz
4.0~6.0MHz
6.0~10.0MHz
49.5~70MHz( 3rd O/T)
DC100V±15V
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice.
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
30.0~49.5MHz( 3rd O/T)
80
Ω max
10.0~14.0MHz
40
Ω max
16.0~20.0MHz
20.0~30.0MHz
±30~50ppm
±10~50ppm (typ±30)
±30~50ppm
-20 ~ +70°C
±30~50ppm
-20 ~ +70°C
Customer to Specify : Frequency, Frequency Tolerance, Operating Temperature Range & Load Capacitance
Condition
Please specify
500M
Ω Min
16.0pF (Others available.)
@ 25°C ±3°C 1
st year
±10~50ppm (typ±30)
Fa
±5ppm max
Please note that all parameters can not necessarily be specified in the same device
-40 ~ +85°C
C0
CL
50~100
μ W
150
Ω max
5.0pF typical
100
Ω max
30
Ω max
60
Ω max
100
Ω max
Insulation Resistance
Aging
fo
Δf/fo
Δf/fo
DL
IR
Topr
Tstg
ESR
Shunt Capacitance
Load Capacitance
Drive Level
Frequency Stability
Temp Operating Range
Temp Storage Range
Equivalent Series Resistance
Frequency
Frequency Tolerance @25°C
4.0-14MHz
±30~50ppm
ACT39 / 38A
Specification
Specification
Symbol
Parameter
The ACT39 is a compact crystal resonator offering high vibration and shock resistance
together with high stability. It is most suitable for portable equipment and close packing
density. The device is offered with frequencies between 4.0 and 70.0MHz.
ISO9001: 2000 Registered
Issue : 3 C1 (M4)
Date : 07/09/04
1 of 2


Similar Part No. - ACT38A

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT38 ACT-ACT38 Datasheet
43Kb / 2P
a miniature cylindrical
07/09/04
logo
Concordia Technologies ...
ACT380X12.7 CONCORDIATECHNOLOGIES-ACT380X12.7 Datasheet
224Kb / 2P
Nylon Black & Natural Cable Ties
Issue: 1
ACT380X7.6 CONCORDIATECHNOLOGIES-ACT380X7.6 Datasheet
224Kb / 2P
Nylon Black & Natural Cable Ties
Issue: 1
logo
Advanced Crystal Techno...
ACT381T ACT-ACT381T Datasheet
92Kb / 1P
ange of four and six pad TCXOs and VCTCXOs
15/11/05
ACT381T-4 ACT-ACT381T-4 Datasheet
87Kb / 1P
a range of four and six pad TCXOs and VCTCXOs
15/11/05
More results

Similar Description - ACT38A

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX1HGSM EUROQUARTZ-CX1HGSM Datasheet
134Kb / 2P
High shock and vibration resistance
logo
STATEK CORPORATION
CXOMK STATEK-CXOMK Datasheet
298Kb / 2P
High Stability, High Shock Crystal Oscillator
logo
Golledge Electronics Lt...
CC2A-T1A GOLLEDGE-CC2A-T1A Datasheet
555Kb / 5P
High shock & vibration resistance
CC1V-T1A GOLLEDGE-CC1V-T1A Datasheet
556Kb / 5P
High shock & vibration resistance
MCSO2V GOLLEDGE-MCSO2V Datasheet
550Kb / 4P
Excellent shock & vibration resistance
MCSO6 GOLLEDGE-MCSO6 Datasheet
551Kb / 5P
Excellent shock & vibration resistance
MCSO6FV GOLLEDGE-MCSO6FV Datasheet
551Kb / 4P
Excellent shock & vibration resistance
MCSO6FW GOLLEDGE-MCSO6FW Datasheet
551Kb / 4P
Excellent shock & vibration resistance
MCSO6W GOLLEDGE-MCSO6W Datasheet
546Kb / 4P
Excellent shock & vibration resistance
MCSOV GOLLEDGE-MCSOV_18 Datasheet
567Kb / 4P
Excellent shock & vibration resistance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com