Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # CSR
Description  Carbon filled silicone based rubber.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

CSR Datasheet(HTML) 1 Page - KITAGAWA GmbH

  CSR Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
86
R type
O type
P type
D type
U type
● Standard length: 10m
Carbon filled silicone based rubber.
● Carbon Rubber is a good shielding gasket and an excellent environmental seal.
● Excellent formability available , various extruded shapes as shown below.
Feature
Material
● Conductive silicone
CARBON RUBBER
/CSR
Part No.
A
CSR-R-15
1.5
CSR-R-20
2.0
CSR-R-30
3.0
CSR-R-40
4.0
CSR-R-50
5.0
Unit: mm
A
A
B
Part No.
A
B
CSR-0-25-15
2.5
1.5
CSR-0-60-30
6.0
3.0
CSR-0-65-30
6.5
3.0
CSR-0-100-65
10.0
6.5
Unit: mm
Unit: mm
Part No.
A
B
C
CSR-P-125-50
12.5
5.0
6.0
CSR-P-170-72
17.0
7.2
7.5
CSR-P-240-77
24.0
7.7
11.0
Unit: mm
Part No.
A
B
CSR-D-40-15
4.0
1.5
CSR-D-45-25
4.5
2.5
A
C
B
A
B
Part No.
A
B
C
D
CSR-U-48-48
4.8
4.8
3.2
1.6
CSR-U-55-110
5.5
11.0
8.0
2.5
CSR-U-80-130
8.0
13.0
9.5
3.5
CSR-U-95-130
9.5
13.0
9.5
5.0
Unit: mm
A
D
C
B


Similar Part No. - CSR

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CSR MERITEK-CSR Datasheet
389Kb / 7P
Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
CSR KOA-CSR Datasheet
419Kb / 2P
four-terminal current sense resistor
logo
Riedon Powertron
CSR RIEDON-CSR Datasheet
203Kb / 3P
Power Current Sense Chip Resistor
logo
Stackpole Electronics, ...
CSR SEI-CSR Datasheet
367Kb / 9P
Thick Film Current Sensing Resistor
6/21/202
logo
Sumida Corporation
CSR-4 SUMIDA-CSR-4 Datasheet
25Kb / 1P
RF COILS
More results

Similar Description - CSR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LR3003 ETC2-LR3003 Datasheet
108Kb / 2P
Liquid Silicone Rubber
logo
Grayhill, Inc
84LS-ACAC2-113-N GRAYHILL-84LS-ACAC2-113-N Datasheet
757Kb / 3P
Waterproof Silicone Rubber Easily Customized Legends
84S-AC2-113-N GRAYHILL-84S-AC2-113-N Datasheet
118Kb / 3P
Waterproof Silicone Rubber Easily Customized Legends
logo
Amphenol Corporation
P-MUSB-2E151-0X5BP AMPHENOL-P-MUSB-2E151-0X5BP Datasheet
48Kb / 1P
RUBBER: SILICONE RUBBER
P-MUSB-C111-XX AMPHENOL-P-MUSB-C111-XX Datasheet
213Kb / 2P
GASKET - SILICONE RUBBER, BLACK
P-MUSB-C311-XX AMPHENOL-P-MUSB-C311-XX Datasheet
140Kb / 2P
GASKET - SILICONE RUBBER, BLACK
P-MUSB-C411-XX AMPHENOL-P-MUSB-C411-XX Datasheet
119Kb / 2P
GASKET - SILICONE RUBBER, BLACK
P-MUSB-C511-XX AMPHENOL-P-MUSB-C511-XX Datasheet
153Kb / 2P
GASKET - SILICONE RUBBER, BLACK
P-MUSB-D511-XX AMPHENOL-P-MUSB-D511-XX Datasheet
81Kb / 2P
GASKET - SILICONE RUBBER
logo
Omega Engineering, Inc.
HTRG-1CU OMEGA-HTRG-1CU Datasheet
211Kb / 1P
Silicone Rubber Insulated High Temperature Heater Hook-Up Wire
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com