Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA1114/2PBCA/CC Datasheet(PDF) 1 Page - Kingbright Corporation

Part # AA1114/2PBCA/CC
Description  11mm x 1.4mm BACKLIGHT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA1114/2PBCA/CC Datasheet(HTML) 1 Page - Kingbright Corporation

  AA1114/2PBCA/CC Datasheet HTML 1Page - Kingbright Corporation AA1114/2PBCA/CC Datasheet HTML 2Page - Kingbright Corporation AA1114/2PBCA/CC Datasheet HTML 3Page - Kingbright Corporation AA1114/2PBCA/CC Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAG5692
REV NO: V.1
DATE: JUN/19/2006
PAGE: 1 OF 4
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: Y.W.WANG
ERP: 1201002377
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is
±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.
11mm x 1.4mm BACKLIGHT
Features
LOW POWER CONSUMPTION.
IDEAL FOR BACKLIGHTING.
MOISTURE SENSITIVITY LEVEL : LEVEL 4.
RoHS COMPLIANT.
Part Number: AA1114/2PBCA/CC
BLUE
Description
The Blue source color devices are made with InGaN on
SiC Light Emitting Diode.
Static electricity and surge damage the LEDS.
It is recommended to use a wrist band or anti-electrostatic
glove when handling the LEDs.
All devices, equipment and machinery must be electrically
grounded.
PRELIMINARY SPEC
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES


Similar Part No. - AA1114/2PBCA/CC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA1114/2EC/CC KINGBRIGHT-AA1114/2EC/CC Datasheet
71Kb / 3P
11mm x 1.4mm BACKLIGHT
AA1114/2EC/CC KINGBRIGHT-AA1114/2EC/CC Datasheet
71Kb / 3P
11mm x 1.4mm BACKLIGHT
AA1114/2MBC/CC KINGBRIGHT-AA1114/2MBC/CC Datasheet
92Kb / 4P
11mm x 1.4mm BACKLIGHT
AA1114/2MBC/CC KINGBRIGHT-AA1114/2MBC/CC Datasheet
92Kb / 4P
11mm x 1.4mm BACKLIGHT
AA1114/2SGC/CC KINGBRIGHT-AA1114/2SGC/CC Datasheet
73Kb / 3P
11mm x 1.4mm BACKLIGHT
More results

Similar Description - AA1114/2PBCA/CC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA1114 KINGBRIGHT-AA1114 Datasheet
71Kb / 3P
11mm x 1.4mm BACKLIGHT
AA11142MBC KINGBRIGHT-AA11142MBC Datasheet
92Kb / 4P
11mm x 1.4mm BACKLIGHT
AA1114-2YC-CC KINGBRIGHT-AA1114-2YC-CC Datasheet
71Kb / 3P
11mm x 1.4mm BACKLIGHT
AA1114-2SYC-CC KINGBRIGHT-AA1114-2SYC-CC Datasheet
71Kb / 3P
11mm x 1.4mm BACKLIGHT
AA1114-2SGC-CC KINGBRIGHT-AA1114-2SGC-CC Datasheet
73Kb / 3P
11mm x 1.4mm BACKLIGHT
AA1114-2MBC-CC KINGBRIGHT-AA1114-2MBC-CC Datasheet
92Kb / 4P
11mm x 1.4mm BACKLIGHT
AA1114-2EC-CC KINGBRIGHT-AA1114-2EC-CC Datasheet
71Kb / 3P
11mm x 1.4mm BACKLIGHT
logo
SunLED Corporation
ZMDK66W SUNLED-ZMDK66W Datasheet
171Kb / 4P
11mm x 1.4mm BACKLIGHT
ZVG66W SUNLED-ZVG66W Datasheet
174Kb / 4P
11mm x 1.4mm BACKLIGHT
logo
LUMEX INC.
SSB-DL6011GW LUMEX-SSB-DL6011GW_17 Datasheet
62Kb / 1P
60mm X 11mm Signle DegeLIT BACKLIGHT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com