Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA1114/2MBC/CC Datasheet(PDF) 1 Page - Kingbright Corporation

Part # AA1114/2MBC/CC
Description  11mm x 1.4mm BACKLIGHT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA1114/2MBC/CC Datasheet(HTML) 1 Page - Kingbright Corporation

  AA1114/2MBC/CC Datasheet HTML 1Page - Kingbright Corporation AA1114/2MBC/CC Datasheet HTML 2Page - Kingbright Corporation AA1114/2MBC/CC Datasheet HTML 3Page - Kingbright Corporation AA1114/2MBC/CC Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAB2775
REV NO: V.3
DATE: APR/21/2005
PAGE: 1 OF 4
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: Y.W.WANG
ERP:1201000010
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Description
The Blue source color devices are made with GaN on SiC
Light Emitting Diode.
Static electricity and surge damage the LEDS.
It is recommended to use a wrist band or
anti-electrostatic glove when handling the LEDs.
All devices, equipment and machinery must be electrically
grounded.
AA1114/2MBC/CC
BLUE
11mm x 1.4mm BACKLIGHT
Features
LOW POWER CONSUMPTION.
IDEAL FOR BACKLIGHTING.
RoHS COMPLIANT.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is
±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.


Similar Part No. - AA1114/2MBC/CC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA1114/2MBC/CC KINGBRIGHT-AA1114/2MBC/CC Datasheet
92Kb / 4P
11mm x 1.4mm BACKLIGHT
More results

Similar Description - AA1114/2MBC/CC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA1114 KINGBRIGHT-AA1114 Datasheet
71Kb / 3P
11mm x 1.4mm BACKLIGHT
AA11142MBC KINGBRIGHT-AA11142MBC Datasheet
92Kb / 4P
11mm x 1.4mm BACKLIGHT
AA1114-2YC-CC KINGBRIGHT-AA1114-2YC-CC Datasheet
71Kb / 3P
11mm x 1.4mm BACKLIGHT
AA1114-2SYC-CC KINGBRIGHT-AA1114-2SYC-CC Datasheet
71Kb / 3P
11mm x 1.4mm BACKLIGHT
AA1114-2SGC-CC KINGBRIGHT-AA1114-2SGC-CC Datasheet
73Kb / 3P
11mm x 1.4mm BACKLIGHT
AA1114-2PBCA-CC KINGBRIGHT-AA1114-2PBCA-CC Datasheet
127Kb / 4P
11mm x 1.4mm BACKLIGHT
AA1114-2EC-CC KINGBRIGHT-AA1114-2EC-CC Datasheet
71Kb / 3P
11mm x 1.4mm BACKLIGHT
logo
SunLED Corporation
ZMDK66W SUNLED-ZMDK66W Datasheet
171Kb / 4P
11mm x 1.4mm BACKLIGHT
ZVG66W SUNLED-ZVG66W Datasheet
174Kb / 4P
11mm x 1.4mm BACKLIGHT
logo
LUMEX INC.
SSB-DL6011GW LUMEX-SSB-DL6011GW_17 Datasheet
62Kb / 1P
60mm X 11mm Signle DegeLIT BACKLIGHT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com