Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT-RJTL Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HT-RJTL
Description  FOR RJTL JACKS FINGER SAVER TOOL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HT-RJTL Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HT-RJTL Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES:
MATERIALS:
MAIN BODY: PC,UL94V-0.
OPERATING TEMPERATURE RANGE: -10°C TO 60°C.
STORAGE TEMPERATURE: -40°C TO 68°C.
HUMIDITY: 10%~90%RH
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
09/20/2018
A
B
C
D
COLOR VARIATIONS
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
NORTH ANDOVER, MA
50 HIGH STREET
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
HT-RJTL
A
HT-RJTL.SLDDRW
11
DFRISIELLO
09/20/2018
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
DGUTTADAURO
09/20/2018
09/20/2018
A
REV A DRAWING RELEASED
BPUCHASKI
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
CAGE CODE
43321
UNDIMENSIONED FEATURES
FOR RJTL JACKS
TELECOM-MODULAR
PROJECTION
UNLESS OTHERWISE SPECIFIED,
BPUCHASKI
FINGER SAVER TOOL
MAY OCCUR
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]


Similar Part No. - HT-RJTL

ManufacturerPart #DatasheetDescription
logo
FCI connector
HT-0095 FCI-CONNECTOR-HT-0095 Datasheet
1Mb / 18P
Mini PV Receptacles 22-32 AWG Crimping Hand Tool
Dec 1 9 , 2002
HT-0102 FCI-CONNECTOR-HT-0102 Datasheet
225Kb / 10P
HT-0102 Hand Tool Manual
logo
Hirose Electric
HT-025-1 HIROSE-HT-025-1 Datasheet
305Kb / 5P
Stripline Mounting Non-reflective Terminations
HT-025-2 HIROSE-HT-025-2 Datasheet
305Kb / 5P
Stripline Mounting Non-reflective Terminations
HT-05-2 HIROSE-HT-05-2 Datasheet
305Kb / 5P
Stripline Mounting Non-reflective Terminations
More results

Similar Description - HT-RJTL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GSCC-7007BS STMICROELECTRONICS-GSCC-7007BS Datasheet
41Kb / 3P
BATTERY SAVER
GSCC-7.007BS-E
logo
Xicor Inc.
X84161 XICOR-X84161 Datasheet
170Kb / 18P
uPort Saver EEPROM
X84256 XICOR-X84256 Datasheet
68Kb / 15P
UPort Saver EEPROM
logo
Glenair, Inc.
942-021NF25-20 GLENAIR-942-021NF25-20 Datasheet
398Kb / 2P
Connector Saver
942-003 GLENAIR-942-003 Datasheet
189Kb / 2P
Connector Saver
942-004 GLENAIR-942-004 Datasheet
194Kb / 2P
Connector Saver
942-005 GLENAIR-942-005 Datasheet
227Kb / 2P
Connector Saver
942-021 GLENAIR-942-021 Datasheet
225Kb / 2P
Connector Saver
logo
Mallory performance clu...
PN8984 MALLORY-PN8984 Datasheet
240Kb / 2P
Starter Saver
logo
Renesas Technology Corp
SLG4B41337V RENESAS-SLG4B41337V Datasheet
791Kb / 13P
Battery Saver
February 25, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com