Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2412Y-RSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG2412Y-RSP
Description  HyperLink Wireless 2.4 GHz 12 dBi Radome Enclosed Yagi Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2412Y-RSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG2412Y-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG2412Y-RSP Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
HyperLink Wireless 2.4 GHz 12 dBi Radome Enclosed Yagi Antenna
Model: HG2412Y
Applications
2.4 GHz ISM Band
IEEE 802.11b, 802.11g and 802.11n WiFi
applications
Bluetooth® & public wireless hotspot
Wireless video systems
Directional and multipoint applications
Features
Lightweight, all weather operation
Durable UV-stable, UL flame rated radome
45 degree beamwidth
Can be installed for either vertical or horizontal
polarization
Includes tilt and swivel mast mount
Description
The HyperGain® HG2412Y Radome Enclosed Yagi WiFi Antenna features
high gain and a 45° beam-width. It is ideally suited for directional and
multipoint IEEE 802.11b and 802.11g wireless LANs, Bluetooth®, public
wireless hotspot applications and other systems operating in the 2.4GHz
ISM band. The unique design of this antenna allows it to be installed for
either vertical or horizontal polarization.
This yagi antenna is enclosed within a UV-stable, UL flame rated radome
for all-weather operation. The HG2412Y antenna is supplied with a 60
degree tilt and swivel mast mount kit.
Specifications
Electrical Specifications
Frequency
2400-2500 MHz
Gain
12 dBi
-3 dB Beamwidth
45 Degrees
Impedance
50 Ohm
VSWR
<
2.0:1 avg.
Max. Input Power
50 Watts
Lightning Protection
DC Short


Similar Part No. - HG2412Y-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2412Y-RTP L-COM-HG2412Y-RTP Datasheet
149Kb / 2P
HyperLink Wireless 2.4 GHz 12 dBi Radome Enclosed Yagi Antenna
More results

Similar Description - HG2412Y-RSP

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W1030 PULSE-W1030 Datasheet
1Mb / 2P
Wireless External Antenna for 2.4 GHz Applications
W1038 PULSE-W1038 Datasheet
774Kb / 2P
Wireless External Antenna for 2.4 GHz Applications
logo
List of Unclassifed Man...
FG-WLY-AL06NF ETC2-FG-WLY-AL06NF Datasheet
286Kb / 2P
2.4 GHz YAGI grid antenna
FGYAGI05 ETC2-FGYAGI05 Datasheet
376Kb / 6P
2.4 GHz YAGI Pole Mount Grid Antenna
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
Pulse A Technitrol Comp...
RO8061 PULSE-RO8061 Datasheet
1Mb / 3P
Outdoor 3G Radome Omni 2 dBi Antenna
RO8063 PULSE-RO8063 Datasheet
1Mb / 3P
Outdoor 3G Radome Omni 4 dBi Antenna
W1010 PULSE-W1010 Datasheet
663Kb / 2P
Wireless External Antenna for 2.4 GHz Application
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com