Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT1525AT Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT1525AT
Description  HCMOS Digitally Temperature Compensated Crystal Oscillators
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT1525AT Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT1525AT Datasheet HTML 1Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Please specify
Please specify
Please specify
Please specify
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
The ACT1525CT family is a range of HCMOS Digitally Temperature Compensated Crystal Oscillators whereas the
ACT1525AT family is a range of AHCMOS DTCXOs.
Whilst operating, the oscillator frequency is adjusted to cancel out the change due to temperature. A
microcontroller performs the elaborate control algorithm which is individually calibrated to each crystal.
Trimmer adjustment is provided to compensate for aging.
For quotations or further information please contact us at:
±0.3ppm
±1ppm
±2ppm
±3ppm
ACT1525CT/AT
TCXO
Specification
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Tel :
0044 (0)118 979 1238
Please note that all parameters can not necessarily be specified in the same device
Customer to specify : Frequency, Frequency Stability, Operating Temperature Range, Frequency Stability, Voltage, Duty Cycle
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
Supply Voltage
Supply Current
Top
HCMOS
AHCMOS
Duty Cycle
Rise & Fall Time
Frequency Range
Temp Stability
Temp Operating Range
Parameter
45/55%
5nSec
3nSec
VCC
Iop
Tw/t
tr/tf
fo
Ts
Condition
max
1.0 ~ 20.00 MHz
20.00 ~ 80.00MHz
See table
See table
5.0Vdc ±5%, 3.3V±5%
10mA
30mA
Specification
Symbol
min
0°C ~ 50°C
-10°C ~ 60°C
-20°C ~ 70°C
Temperature / Stability
±10ppm
±5ppm
Adjustment
3.0
7.5
15.0
15.24
25.0
7.62
#1
#7
#8
#14
3.0 min
0.5
10.0
Dimensions in mm
#1
#7
#8
#14
Not Connected
Ground
Output
Vcc
Pin Connections
Issue :4 O1
Date: 30-7-04
1 of 1


Similar Part No. - ACT1525AT

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT1525AV ACT-ACT1525AV Datasheet
30Kb / 1P
HCMOS Voltage Controlled Digitally Compensated Crystal
30-07-04
More results

Similar Description - ACT1525AT

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TC-210 VECTRON-TC-210 Datasheet
404Kb / 5P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
logo
List of Unclassifed Man...
IQTCXO-250 ETC1-IQTCXO-250 Datasheet
49Kb / 2P
Temperature compensated crystal oscillators
logo
Advanced Crystal Techno...
ACT1525CV ACT-ACT1525CV Datasheet
30Kb / 1P
HCMOS Voltage Controlled Digitally Compensated Crystal
30-07-04
ACT1525ST ACT-ACT1525ST Datasheet
40Kb / 1P
Digitally Temperature Compensated Sinewave Crystal Oscillators
30/7/04
logo
Vectron International, ...
6825 VECTRON-6825 Datasheet
457Kb / 4P
Temperature Compensated Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KT1612 KSS-KT1612 Datasheet
65Kb / 1P
Temperature Compensated Crystal Oscillators
KT2016 KSS-KT2016_18 Datasheet
68Kb / 1P
Temperature Compensated Crystal Oscillators
KT3225 KSS-KT3225 Datasheet
69Kb / 1P
Temperature Compensated Crystal Oscillators
logo
Raltron Electronics Cor...
TX045 RALTRON-TX045 Datasheet
67Kb / 3P
Temperature Compensated Crystal Oscillators
TX146 RALTRON-TX146 Datasheet
70Kb / 3P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com