Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT1525CV Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT1525CV
Description  HCMOS Voltage Controlled Digitally Compensated Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT1525CV Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT1525CV Datasheet HTML 1Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Please specify
Please specify
Please specify
Please specify
Condition
Supply Current max
Adjustment min
±3ppm
±0.3ppm
Control Voltage
Rise & Fall Time
HCMOS
AHCMOS
Parameter
VCC
tr/tf
ACT1525CV/AV
VCTCXO
Specification
Specification
Symbol
The ACT1525CV family is a range of HCMOS Voltage Controlled Digitally Compensated Crystal
Oscillators whereas theACT1525AV family is a range of AHCMOS DVCXOs.
Whilst operating, the oscillator frequency is adjusted to cancel out the change due to temperature. A
microcontroller performs the elaborate control algorithm which is individually calibrated to each crystal.
Voltage adjustment is provided to compensate for aging.
Ts
Top
Iop
Tw/t
Supply Voltage
Frequency Range
Temp Stability
Temp Operating Range
fo
1.0 ~ 20.00 MHz
20.00 ~ 70.00MHz
See table
See table
5.0Vdc ±5%, 3.3V±5%
10mA
30mA
5nSec
3nSec
0 ~ 95% VCC
±1ppm
±2ppm
45/55%
Duty Cycle
0°C ~ 50°C
-10°C ~ 60°C
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
-20°C ~ 70°C
Temperature / Stability
±10ppm
±5ppm
Please note that all parameters can not necessarily be specified in the same device
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
For quotations or further information please contact us at:
Customer to specify : Frequency, Frequency Stability, Operating Temperature Range, Voltage, Duty Cycle & Polarity
3.0
7.5
15.0
15.24
25.0
7.62
#1
#7
#8
#14
3.0 min
0.5
10.0
Dimensions in mm
#1
#7
#8
#14
Voltage Control
Ground
Output
Vcc
Pin Connections
Issue: 4 O1
Date: 30-07-04
1 of 1


Similar Part No. - ACT1525CV

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT1525CT ACT-ACT1525CT Datasheet
31Kb / 1P
HCMOS Digitally Temperature Compensated Crystal Oscillators
30-7-04
More results

Similar Description - ACT1525CV

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASTX-12 ABRACON-ASTX-12 Datasheet
2Mb / 2P
TEMPERATURE COMPENSATED/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
03.01.07
ASTX-H09 ABRACON-ASTX-H09 Datasheet
142Kb / 2P
HCMOS TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
6.19.07
ASVTX-09 ABRACON-ASVTX-09 Datasheet
154Kb / 2P
VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
5.03.07
logo
Advanced Crystal Techno...
ACT1525CT ACT-ACT1525CT Datasheet
31Kb / 1P
HCMOS Digitally Temperature Compensated Crystal Oscillators
30-7-04
logo
Abracon Corporation
ASVTX-09 ABRACON-ASVTX-09_07 Datasheet
155Kb / 2P
VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
09.20.07
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
RF Monolithics, Inc
XVT9009 RFM-XVT9009 Datasheet
564Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9006 RFM-XVT9006 Datasheet
453Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003-1 RFM-XVT9003-1 Datasheet
462Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003 RFM-XVT9003 Datasheet
284Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com