Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT1525ST Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT1525ST
Description  Digitally Temperature Compensated Sinewave Crystal Oscillators
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT1525ST Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT1525ST Datasheet HTML 1Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ACT1525ST/SV (TCXO / VCTCXO) Sine Wave
Please Specify
Please Specify
Please Specify
Please Specify
min
VCC
Iop
30mA
0 ~ 95% of Vcc
Up to 20 MHz
±10ppm
5.0Vdc ±5% ( Higher voltage options available )
min
0°C ~ 50°C
-10°C ~ 60°C
-20°C ~ 70°C
Temperature / Stability
Over 20 MHz
±5ppm
See table
Amplitude
+3dBm min into 50
Ω
Temp Operating Range
Top
±3ppm
Specification
Specification
Symbol
Trim Voltage
Vt
Parameter
Frequency Range
Temp Stability
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
Ts
Condition
5.00 ~ 70.00 MHz
See table
fo
Supply Current
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
Please note that all parameters can not necessarily be specified in the same device
Trim Range
max
http://www.actcrystals.com
The ACT1525ST family is a range of Digitally Temperature Compensated Sinewave Crystal
Oscillators.
Whilst operating, the oscillator frequency is adjusted to cancel out the change due to
temperature. A microcontroller performs the elaborate control algorithm which is individually
calibrated to each crystal.
Trimmer or voltage adjustment are provided to compensate for aging.
Customer to specify : Frequency, Frequency Stability, Operating Temperature Range & Voltage, Adjustment Option
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
For quotations or further information please contact us at:
±0.3ppm
±1ppm
±2ppm
Supply Voltage
Issue: 4 O1
Date: 30/7/04
3.0
7.5
15.0
15.24
25.0
7.62
#1
#7
#8
#14
3.0 min
0.5
10.0
Dimensions in mm
#1
#7
#8
#14
NC/Volt Control
Ground
Output
Vcc
Pin Connections
1 of 1


Similar Part No. - ACT1525ST

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT1525AT ACT-ACT1525AT Datasheet
31Kb / 1P
HCMOS Digitally Temperature Compensated Crystal Oscillators
30-7-04
ACT1525AV ACT-ACT1525AV Datasheet
30Kb / 1P
HCMOS Voltage Controlled Digitally Compensated Crystal
30-07-04
ACT1525CT ACT-ACT1525CT Datasheet
31Kb / 1P
HCMOS Digitally Temperature Compensated Crystal Oscillators
30-7-04
ACT1525CV ACT-ACT1525CV Datasheet
30Kb / 1P
HCMOS Voltage Controlled Digitally Compensated Crystal
30-07-04
More results

Similar Description - ACT1525ST

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TC-210 VECTRON-TC-210 Datasheet
404Kb / 5P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
logo
List of Unclassifed Man...
IQTCXO-250 ETC1-IQTCXO-250 Datasheet
49Kb / 2P
Temperature compensated crystal oscillators
logo
Advanced Crystal Techno...
ACT1525CT ACT-ACT1525CT Datasheet
31Kb / 1P
HCMOS Digitally Temperature Compensated Crystal Oscillators
30-7-04
logo
Vectron International, ...
RCR7HYA17C160 VECTRON-RCR7HYA17C160 Datasheet
132Kb / 7P
Temperature Compensated Crystal Oscillators
6825 VECTRON-6825 Datasheet
457Kb / 4P
Temperature Compensated Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KT1612 KSS-KT1612 Datasheet
65Kb / 1P
Temperature Compensated Crystal Oscillators
KT2016 KSS-KT2016_18 Datasheet
68Kb / 1P
Temperature Compensated Crystal Oscillators
KT3225 KSS-KT3225 Datasheet
69Kb / 1P
Temperature Compensated Crystal Oscillators
logo
Raltron Electronics Cor...
TX045 RALTRON-TX045 Datasheet
67Kb / 3P
Temperature Compensated Crystal Oscillators
TX146 RALTRON-TX146 Datasheet
70Kb / 3P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com