Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT3000 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT3000
Description  TCXOs and VCTCXOs housed in a variety of Surface Mount and Through Hole packages
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT3000 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT3000 Datasheet HTML 1Page - Advanced Crystal Technology ACT3000 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
The ACT3000 family is a range of TCXOs and VCTCXOs housed in a variety of Surface Mount and
Through Hole packages. These devices offer a wide frequency range and good reliability at
competitive prices, for a wide variety of applications.
In addition to normal specifications it is also necessary to select the output, the function and the
package to ensure you receive the correct part. e.g. Clipped Sinewave, TCXO & pk4.
Please specify
Customer to specify : Frequency, Supply Voltage, Frequency Stability, Operating Temperature Range & Package
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
For quotations or further information please contact us at:
Supply Voltage
Supply Current
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
Please note that all parameters can not necessarily be specified in the same device
Frequency Stability
vs Operating Temp.
vs Input Voltage
vs Load
Aging
ACT3000 - TCXO (Clipped Sinewave)
Specification
Frequency Range
Temp Operating Range
Storage Temp Range
Condition
Parameter
Symbol
Specification
Frequency Adjustment
I
Δfc
±0.3ppm max
±1ppm max
Output Load
Output Voltage
Output
fo
Topr
Tstg
Δf/fo
Vin
Fa
V
N/CL
O/P
Vout
8.00 ~ 160 MHz
-10° ~ +60°C, -40 ~ +85°C
-55 ~ 125°C
8~40 (
♥), 40.1~59.9 (♣)
10K
Ω//10pF
60~99.9 (
♦), 100~160 (♠)MHz
±0.3ppm max
0.8V p-p (3.3VDC ±5%)
1.0V p-p (5.0VDC ±5%)
Clipped Sinewave
Please specify
See table
Per year
Please specify
3.3VDC ±5% or 5.0VDC±5%
10mA max
±3ppm min
ppm
Stability
Temp
0 ~ 50°C
±1.5
♥ ♣♦
±3.5
±5.0
♥ ♣ ♦♠
♥ ♣♦♠
-10 ~ 60°C
-20 ~ 70°C
-30 ~ 75°C
-40 ~ 85°C
♥
±2.0
±2.5
±3.0
♥ ♣♦♠
♥ ♣♦♠
♥ ♣♦♠
♥ ♣
♥ ♣
♥ ♣♦
♥ ♣ ♦
♥ ♣♦♠
♥♥ ♣
♥ ♣
♥ ♣ ♦
♥ ♣♦♠
♥♥♥ ♣
♥♥ ♣
♥ ♣
♥ ♣
Issue: 3 D2
Date: 10/08/04
1 of 2


Similar Part No. - ACT3000

ManufacturerPart #DatasheetDescription
logo
Concordia Technologies ...
ACT300X4.8 CONCORDIATECHNOLOGIES-ACT300X4.8 Datasheet
224Kb / 2P
Nylon Black & Natural Cable Ties
Issue: 1
ACT300X7.6 CONCORDIATECHNOLOGIES-ACT300X7.6 Datasheet
224Kb / 2P
Nylon Black & Natural Cable Ties
Issue: 1
More results

Similar Description - ACT3000

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT3A11T ACT-ACT3A11T Datasheet
99Kb / 1P
a range of TC/ VCTCXOs
11/08/04
ACT53T-4 ACT-ACT53T-4 Datasheet
161Kb / 2P
a range of VCTCXOs
11-10-05
ACT381T-4 ACT-ACT381T-4 Datasheet
87Kb / 1P
a range of four and six pad TCXOs and VCTCXOs
15/11/05
ACT381T ACT-ACT381T Datasheet
92Kb / 1P
ange of four and six pad TCXOs and VCTCXOs
15/11/05
ACT531VT-4 ACT-ACT531VT-4 Datasheet
97Kb / 2P
a range of VCTCXOs
27/09/05
ACTSTE01 ACT-ACTSTE01 Datasheet
175Kb / 2P
TCXO/ VCTCXO housed in a Surface Mount
20/3/06
logo
ANADIGICS, Inc
AN-0001 ANADIGICS-AN-0001 Datasheet
60Kb / 6P
Surface Mount Assembly and Handling of ANADIGICS LPCC Packages
05/2003
logo
ALPS ELECTRIC CO.,LTD.
RK168 ALPS-RK168_15 Datasheet
790Kb / 5P
Remote controllable and available in a wide variety of products
logo
Mill-Max Mfg. Corp.
917-47-108-41-005000 MILL-MAX-917-47-108-41-005000 Datasheet
452Kb / 1P
SERIES 917 ??SURFACE AND THROUGH-HOLE MOUNT
logo
Bel Fuse Inc.
SQ24 BEL-SQ24 Datasheet
2Mb / 51P
Available in through-hole and SM packages
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com