Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACCD Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # ACCD
Description  Adjustable, snap-mount clamp that prevents power cord from unplugging
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

ACCD Datasheet(HTML) 1 Page - KITAGAWA GmbH

  ACCD Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Snap Mounting
A.C. CORD CLAMP / ACCD
Features
● Prevents power sockets from being removed from
inlets.
● Socket holder is adjustable by using the lever.
● Nylon 66(Color:Black)
:ACCD86AS
:ACCD107AS
Material
UL94 V-2
UL94 V-0
Round hole
ACCD107AS
ACCD86AS
(28.1)
22.4
4.5
16
(22.7)
(89.45)
Specification drawing
φ4.8
+0.2
0
Inlet hole
17.3
15
(90.15)
4.5
R8
9.5
4
(10.8)
(18.20)
25.2
Adjustable, snap-mount clamp that prevents power cord from unplugging
Part No.
Panel thickness
Std. Package
ACCD86AS
0.8~2.0
50 pcs.
(Unit:mm)
0.5~2.3
Bundle diameter
φ11~13.5
-
Compatible plug
-
26×18.5
Compatible boot diameter
-
φ16
100 pcs.
ACCD107AS
73


Similar Part No. - ACCD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACC-1 ETC2-ACC-1 Datasheet
106Kb / 1P
Cable Clips
logo
Structured Cable Produc...
ACC-1 STRUCTURED-CABLE-ACC-1 Datasheet
1Mb / 2P
2C/22 AWG 4C/22 AWG 4C/18 AWG
8/5/2019
ACC-1-GN STRUCTURED-CABLE-ACC-1-GN Datasheet
1Mb / 2P
ACCESS CONTROL COMPOSITE- 2C/22 AWG
Rev04/22
ACC-1-P STRUCTURED-CABLE-ACC-1-P Datasheet
284Kb / 1P
PLENUM ACCESS CONTROL COMPOSITE- 2C/22 AWG
Rev06/22
logo
List of Unclassifed Man...
ACC-102 ETC-ACC-102 Datasheet
628Kb / 8P
24-Bit Devices for Voltage, Temperature, or Bridge-Based Sensors
April 2019. Rev 2
More results

Similar Description - ACCD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3F05-1 ETC2-3F05-1 Datasheet
267Kb / 2P
ADJUSTABLE SNAP DISC FAN & LIMIT CONTROLS
logo
M.S. Kennedy Corporatio...
MSK5012 MSK-MSK5012_15 Datasheet
747Kb / 7P
Output Voltage Adjustable from 1.30V to 36V
logo
Illinois Capacitor, Inc...
566LMX450M2BC ILLINOISCAPACITOR-566LMX450M2BC Datasheet
132Kb / 1P
SNAP-IN / SNAP MOUNT
686LBA400M2AC ILLINOISCAPACITOR-686LBA400M2AC Datasheet
128Kb / 1P
SNAP-IN / SNAP MOUNT
686LBA450M2CC ILLINOISCAPACITOR-686LBA450M2CC Datasheet
129Kb / 1P
SNAP-IN / SNAP MOUNT
686LMB400M2BC ILLINOISCAPACITOR-686LMB400M2BC Datasheet
132Kb / 1P
SNAP-IN / SNAP MOUNT
686LMX450M2BD ILLINOISCAPACITOR-686LMX450M2BD Datasheet
132Kb / 1P
SNAP-IN / SNAP MOUNT
826LBA400M2AD ILLINOISCAPACITOR-826LBA400M2AD Datasheet
128Kb / 1P
SNAP-IN / SNAP MOUNT
826LBA400M2BC ILLINOISCAPACITOR-826LBA400M2BC Datasheet
128Kb / 1P
SNAP-IN / SNAP MOUNT
logo
Shenzhen Huazhimei Semi...
HM3133 HMSEMI-HM3133 Datasheet
570Kb / 8P
Output voltage adjustable from 5V to 30V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com