Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CKN-13SP-R Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # CKN-13SP-R
Description  Adhesive cable clamp with protective foam
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

CKN-13SP-R Datasheet(HTML) 1 Page - KITAGAWA GmbH

  CKN-13SP-R Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
●
●
●
(
:
)
Features
● CKN clamp with foam pad protects cables from
vibration etc.
Material
● Body / Nylon 66 (Color:Grey)
● Sponge / Natural rubber foam (Color:Black )
UL94 V-2
CKN CLAMP WITH CUSHION PAD / CKN-SP
Adhesive tape mounting
Part No.
Panel thickness
Mounting hole size
Std. Package
13.8
15.1
17.3
19.3
21.3
23.3
31.4
Max bundle diameter
100 pcs.
CKS-05-L
CKS-05-H
CKS-07-L
CKS-07-H
CKS-10-L
CKS-10-H
CKS-13-L
CKS-13-H
CKS-16-L
CKS-16-H
CKS-20-L
CKS-20-H
CKS-26-L
A
B
23.2
25.0
28.4
32.0
35.0
37.0
46.0
12.8
15.1
19.7
25.6
26.2
30.8
40.75
8.5
9.8
12.0
14.0
16.0
18.0
24.0
φ5.4
φ6.2
φ9.8
φ14.4
φ17.5
φ20.0
φ28.0
+0.2
0
φ6.4
-L type
0.5~2.3
-H type
2.3~4.1
(C)
D
Part No.
Max bundle
diameter
A
CKN-10SP-R
CKN-13SP-R
CKN-16SP-R
CKN-20SP-R
21.0
24.0
25.5
30.0
B
30.0
30.0
36.0
40.0
C
2.5
2.5
3.0
3.0
D
12.0
14.0
16.0
18.0
(H)
20.6
26.1
27.0
31.4
φ8
φ10
φ13
φ14
Std. Package
100 pcs.
(Unit:mm)
1565
Adhesive cable clamp with protective foam
foam pad safely
wraps cables
(Unit:mm)
…
※
D
B
※
B
Double sided
adhesive tape
Sponge
~
58


Similar Part No. - CKN-13SP-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CKN10015 VISHAY-CKN10015 Datasheet
295Kb / 6P
D Series
07-Jan-10
logo
Intersil Corporation
CKN1323-ND INTERSIL-CKN1323-ND Datasheet
302Kb / 6P
ISL6292EVAL2 Evaluation Board
July 2003
logo
Vishay Siliconix
CKN1819 VISHAY-CKN1819 Datasheet
326Kb / 7P
D Series
07-Jan-10
CKN1820 VISHAY-CKN1820 Datasheet
326Kb / 7P
D Series
07-Jan-10
logo
C&K Components
CKN2053 CK-COMPONENTS-CKN2053 Datasheet
1Mb / 5P
Miniature Snap-in Power Rocker Switches
More results

Similar Description - CKN-13SP-R

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
IT3057-16AF2 GLENAIR-IT3057-16AF2 Datasheet
249Kb / 1P
Cable Clamp
logo
3M Electronics
F9460PC 3M-F9460PC Datasheet
28Kb / 4P
VHB™ Adhesive Transfer Tapes with Adhesive 100MP
Apr-2005
logo
Richco, Inc.
FTH-5A-RT-M RICHCO-FTH-5A-RT-M Datasheet
83Kb / 1P
Mini Cable Tie Mount with Adhesive Base
logo
Taoglas antenna solutio...
PC104R.A.07.0165C TAOGLAS-PC104R.A.07.0165C Datasheet
1Mb / 12P
With 3M adhesive
logo
Rosenberger Hochfrequen...
SLCC221-PF20 ROSENBERGER-SLCC221-PF20 Datasheet
106Kb / 2P
Cable Clamp
SLCC111-C05 ROSENBERGER-SLCC111-C05 Datasheet
238Kb / 2P
Cable Clamp
SLCC112-0711 ROSENBERGER-SLCC112-0711 Datasheet
179Kb / 1P
Cable Clamp
SLCC112-2029 ROSENBERGER-SLCC112-2029 Datasheet
177Kb / 1P
Cable Clamp
SLCC112-C03 ROSENBERGER-SLCC112-C03 Datasheet
74Kb / 2P
Cable Clamp
logo
3M Electronics
8545 3M-8545 Datasheet
225Kb / 4P
3M Polyurethane Protective Tape 8545 Matte Black (no adhesive)
Apr-2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com