Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT3215 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACT3215
Description  surface mount high density Watch Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT3215 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACT3215 Datasheet HTML 1Page - Advanced Crystal Technology ACT3215 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ACT3215 SMX
Reliability
Issue 2A3L
08/03/2007
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
In line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without notice
ISO9001:2000 Registered
For quotations or further information please contact us at:
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
∆ Fo Limit
+/-10ppm
+/-5ppm
+/-5ppm
+/-7ppm
+/-10ppm
+/-10ppm
+/-10ppm
Shock
Load mass 100g Dropped 150cm onto concrete. 3 drops 6 directions XX,YY,ZZ
Test
Condition
Vibration
Frequency 10~60hz. 1.5mm Am plitude. Period2~3 m in. 2 hr each of X,Y & Z
Solder Heat Resistance
Profile as above 2 times
Dry Heat
85°C, 500 hrs
Cold
-40°C, 500hrs
Damp Heat
60°C, 90~95 RH, 500hrs
Heat Cycle
-40 «-»+85°C Period 30 min, 100Cycles
Standard reel size 3K per reel
Tape Dimensions (mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com