Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCA-10-R Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # FCA-10-R
Description  Clip with side slot for cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

FCA-10-R Datasheet(HTML) 1 Page - KITAGAWA GmbH

  FCA-10-R Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FLAT CABLE CLIP / FCA
1565
Screw mounting
Adhesive tape mounting
。
※Specifications are described.
Features
● Compact clamp for flat cables.
● Nylon 66 (Color:Natural )
Material
(Both adhesive tape and
screw employed)
FCA-16-R
(Both adhesive tape and
screw employed)
FCA-10-R
(Adhesive tape)
FCA-07-V0-R
Std. Package :100 pcs.
Std. Package :100 pcs.
Std. Package :100 pcs.
25.4
4
2-φ3.2
(Double sided
adhesive tape)
25.4
3.7
φ
3.2
(Double sided
adhesive tape)
12
(Double sided
adhesive tape)
(Unit:mm)
:FCA-07-V0-R
:FCA-10, -16-R
UL94 V-0
UL94 V-2
B
16
A
C
●
(
:
)
●
LFC-16N-0-R
※
( Unit:mm)
Part No.
A
LFC-16N-0-R
22.4
B
19.4
C
Max. width Max. thickness
2.7
Applicable cable
Std. Package
1,000 pcs.
…
●
(
:
)
●
・
1565
LBFC-45N-V0-R
LFC-05BK
※
:
5.9
( 24.45 )
10
12.3
45
51
Std. Package : 500 pcs.
Std. Package :1000 pcs.
LFC
(Unit:mm)
Part No.
A
LFC-20W-R
LFC-27W-R
LFC-30N-O-R
30.4
37.4
40.0
B
25.6
32.6
35.1
C
Max. width
Max. thickness
14.0
10.0
21
28
30
1.2
1.0
Applicable cable
Std. Package
500 pcs.
…
B
C
10.0
16
Clip with side slot for cable
67


Similar Part No. - FCA-10-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FCA-10-R MSYSTEM-FCA-10-R Datasheet
104Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FCA-10-R/Q MSYSTEM-FCA-10-R/Q Datasheet
104Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FCA-10-R

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5940 POMONA-5940 Datasheet
70Kb / 1P
Kelvin Clip Cable Assembly With Banana Plugs
logo
Bud Industries, Inc.
CM-2220 BUD-CM-2220 Datasheet
68Kb / 1P
CABLE CLIP PACKAGE
logo
3M Electronics
5940 3M-5940 Datasheet
29Kb / 2P
Kelvin Clip Cable Assembly With Banana Plugs
09-Jun-1999
logo
Molex Electronics Ltd.
34797-0203 MOLEX11-34797-0203 Datasheet
39Kb / 1P
MX150 Cable Unsealed Male Connector with GM Style Clip
34797-0208 MOLEX11-34797-0208 Datasheet
39Kb / 1P
MX150 Cable Unsealed Male Connector with Ford Style Clip
34797-0301 MOLEX11-34797-0301 Datasheet
45Kb / 1P
MX150 Cable Unsealed Male Connector with Ford Style Clip
logo
Harwin Plc
S8091-46R HARWIN-S8091-46R Datasheet
138Kb / 1P
SMT CABLE CLIP FOR COAX UL1745-DSB CX-50
logo
CUI INC
HSS-B20-CP-01 CUI-HSS-B20-CP-01 Datasheet
261Kb / 3P
with clip for easy component attachment
logo
Molex Electronics Ltd.
0348994075 MOLEX1-0348994075 Datasheet
37Kb / 2P
MXP120 Sealed Male Blade Connector with 7.00mm Clip-Slot
logo
Pepperl+Fuchs Inc.
VAZ-FK-CL1 PF-VAZ-FK-CL1 Datasheet
83Kb / 1P
Mounting clip for AS-Interface flat cable
2008-01-10
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com