Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCR Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # FCR
Description  Snap-mount flat clamp to secure cables directly on panel
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

FCR Datasheet(HTML) 1 Page - KITAGAWA GmbH

  FCR Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(Unit:mm)
FLAT CLAMP / FCR
Features
● Low profile clamp secures flat cables directly on
mounting panels.
● Reusable type,easy removable with no tools required.
Material
UL94 V-0
● Nylon 66(Color:Natural)
Specification drawing
A
(B)
E
2.6±0.1
Push Type
Odd-shaped hole
Part No.
Panel
thickness
0.8~1.6
1.5~2.5
Mounting
hole size
Std. Package
100
pcs.
FCR-15 VO
FCR-30 VO
FCR-35 VO
FCR-45 VO
FCR-60 VO
FCR-30L VO
15
30
35
45
60
30
27
42
47
57
72
42
0.8
1.0
1.2
1.5
1.0
15±0.1
30±0.1
35±0.1
45±0.1
60±0.1
30±0.1
Refer to
Specification
drawing
2.6
2.9
3.0
A
(B) (C)
D
E
UL
UL
UL
UL
UL
…UL1565 recognized product
UL
PUSH
●
●
●
(
:
)
●
●
(
:
)
Part No.
Mounting hole size
Panel thickness Std. Package
Refer to Specification
drawing
500 pcs.
1~1.6
KFCS-3002
(Unit:mm)
(Unit:mm)
…
…
Part No.
Mounting hole size
Panel thickness Std. Package
Refer to Specification
drawing
100 pcs.
1±0.2
FCT-6010
(52.4)
(32.6)
5.3
(6.2)
42.2±0.1
□5.5+0.1
 0
3.4+0.1
 0
13
(65)
2
77±0.1
10±0.05
6
6
1565
REUSABLE
1565
1565
Snap-mount flat clamp to secure cables directly on panel
69


Similar Part No. - FCR

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
FCR WELWYN-FCR Datasheet
56Kb / 1P
Fusing Surface Mounted Resistors
logo
TT Electronics.
FCR TTELEC-FCR Datasheet
364Kb / 3P
Fusible Chip Resistors
logo
M-System Co.,Ltd.
FCR MSYSTEM-FCR Datasheet
112Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
logo
Stackpole Electronics, ...
FCR SEI-FCR Datasheet
321Kb / 4P
Trimmable Thick Film Chip Resistor
11/18/2020
logo
TE Connectivity Ltd
FCR TEC-FCR Datasheet
1Mb / 16P
Passive Components
August 2007
More results

Similar Description - FCR

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
2DM409 HONEYWELL-ACC-2DM409 Datasheet
169Kb / 3P
Snap-in Panel Mount
logo
List of Unclassifed Man...
P658 ETC2-P658 Datasheet
168Kb / 2P
SMP FEMALE STRAIGHT SNAP-IN 093 THICK PANEL FLOAT MOUNT TO FLEX OR SEMI-RIGID CABLES
P666 ETC2-P666 Datasheet
212Kb / 2P
SMP FEMALE STRAIGHT SNAP-IN PANEL FLOAT MOUNT TO FLEX OR SEMI-RIGID CABLES
FA28B0121 ETC2-FA28B0121 Datasheet
584Kb / 1P
flat cable clamp - flat cables up to 50-conductor widths
logo
Vishay Siliconix
VS-43CTQ100STRLPBF VISHAY-VS-43CTQ100STRLPBF Datasheet
108Kb / 3P
Snap-On Panel Mount Adapters
05-Aug-13
logo
Kemet Corporation
ESD-SR KEMET-ESD-SR Datasheet
666Kb / 6P
Snap-on Cores for Round Cables
logo
Highly Electric Co., Lt...
PB6151H-1-101 HIGHLY-PB6151H-1-101 Datasheet
1,016Kb / 3P
Snap-in type, can be mounted directly on P.C.B Board.
logo
Wurth Elektronik GmbH &...
63911655721 WURTH-63911655721 Datasheet
412Kb / 5P
WR-CAB Ribbon Flat Cables
001.000
63912455721CAB WURTH-63912455721CAB Datasheet
329Kb / 5P
WR-CAB Ribbon Flat Cables
001.000
63915055721CAB WURTH-63915055721CAB Datasheet
329Kb / 5P
WR-CAB Ribbon Flat Cables
001.000
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com