Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCN-6020-R Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # FCN-6020-R
Description  Adhesive-mount locking flat cable clamp
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

FCN-6020-R Datasheet(HTML) 1 Page - KITAGAWA GmbH

  FCN-6020-R Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
● Easy cable fastening and releasing. Box-structured
lock prevents side slippage at fastening.
UL94 V-2
● Nylon 66 (Color:Natural )
FLAT CABLE CLAMP / FCN
1565
Adhesive tape mounting
※With regard to adhered body which is
covered by UL1565, please contact
our sales department.
31.0
63.0
6.5
13.0
6.5
13.0
19.0
Part No.
FCN-3010-R
FCN-3015-R
FCN-6010-R
FCN-6015-R
FCN-6020-R
A
45.5
77.0
(B)
7.0
13.4
7.0
13.4
19.1
Std. Package
100
pcs.
Max. width
of cable
Max. thickness
of cable
(Unit:mm)
All FCN products are
UL recognized.
UL
UL
UL
UL
UL
…UL1565 recognized product
UL
A
15
20
Double sided adhesive tape
Features
Material
Adhesive-mount locking flat cable clamp
●
●
●
(
:
)
●
●
●
(
:
)
Specification drawing
(Unit:mm)
Part No.
Compatible connector
USB plug size
USBCC-B-YR
Type-B USB connector
Refer to Specification drawing
Std. Package
100 pcs.
(Unit:mm)
Part No.
Compatible connector
USB plug size
USBCC-A-YR
Type-A USB connector
Refer to Specification drawing
Std. Package
100 pcs.
(19.5)
21
9
(30)
(8.8)
7.8
A
B side
USB PLUG TYPE A
6.8~8.0
+0.10
11.8-0.05
(10.3)
USB CONNECTOR TYPE A
PCB
8.88±0.2
0
0.3-0.2
1.5MAX
MOUNTING PLATE
(14.5)
11.5±0.1
8.7±0.1
(31.6)
9
22.6
(21.5)
8
(9)
Double sided
adhesive tape
(12)
10.5±0.1
8±0.1
0.9~1.5
0.3 0-0.2
R0.3
R0.3
PCB
USB connector 2.0 type-B
MOUNTING PLATE
MIN11.75
9.3~10.5
USB 2.0 type-B
※This product is assembled on a USB connector with double-sided adhesive.
 Make sure to press the component firmly onto the connector. Assembled product cannot be reused.
※This product is assembled on a USB connector with double-sided adhesive.
 Make sure to press the component firmly onto the connector. Assembled product cannot be reused.
71


Similar Part No. - FCN-6020-R

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FCN-605Q030-G FUJITSU-FCN-605Q030-G Datasheet
69Kb / 8P
24V DRIVE INTERFACE BOARD (PARALLEL)
FCN-605Q030-S FUJITSU-FCN-605Q030-S Datasheet
69Kb / 8P
24V DRIVE INTERFACE BOARD (PARALLEL)
FCN-607B030-D FUJITSU-FCN-607B030-D Datasheet
69Kb / 8P
24V DRIVE INTERFACE BOARD (PARALLEL)
FCN-607B030-G FUJITSU-FCN-607B030-G Datasheet
69Kb / 8P
24V DRIVE INTERFACE BOARD (PARALLEL)
More results

Similar Description - FCN-6020-R

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
FCRC-13B-4-01 RICHCO-FCRC-13B-4-01 Datasheet
62Kb / 1P
FLAT CABLE ROUTING CLAMP
logo
PANDUIT CORP.
ABM3H-A PANDUIT-ABM3H-A Datasheet
69Kb / 1P
ADHESIVE BACKED MOUNT
ABMM-A PANDUIT-ABMM-A Datasheet
74Kb / 1P
ADHESIVE BACKED MOUNT
logo
List of Unclassifed Man...
FA28B0121 ETC2-FA28B0121 Datasheet
584Kb / 1P
flat cable clamp - flat cables up to 50-conductor widths
561-LAD187 ETC2-561-LAD187 Datasheet
89Kb / 2P
Locking PCB Support Adhesive Base
logo
Richco, Inc.
FTH-5A-RT-M RICHCO-FTH-5A-RT-M Datasheet
83Kb / 1P
Mini Cable Tie Mount with Adhesive Base
logo
PANDUIT CORP.
FCC5-A-C8 PANDUIT-FCC5-A-C8 Datasheet
110Kb / 1P
Flat Cable Clips Pan-Clamp Heavy Duty Fixed Diameter Clamps
PLA2S-A-Q PANDUIT-PLA2S-A-Q Datasheet
72Kb / 2P
Combination Adhesive Mount/Cable Ties
logo
Richco, Inc.
AFCC-08 RICHCO-AFCC-08 Datasheet
34Kb / 1P
ALUMINUM FLAT CABLE CLAMP
logo
Taoglas antenna solutio...
MA209.A.LB.001 TAOGLAS-MA209.A.LB.001 Datasheet
3Mb / 22P
Adhesive Mount IP67 Antenna
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com