Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AF127BL70B1 Datasheet(PDF) 21 Page - STMicroelectronics

Part # M68AF127BL70B1
Description  1Mbit 128K x8, 5V Asynchronous SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AF127BL70B1 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M68AF127BL70B1 Datasheet HTML 15Page - STMicroelectronics M68AF127BL70B1 Datasheet HTML 16Page - STMicroelectronics M68AF127BL70B1 Datasheet HTML 17Page - STMicroelectronics M68AF127BL70B1 Datasheet HTML 18Page - STMicroelectronics M68AF127BL70B1 Datasheet HTML 19Page - STMicroelectronics M68AF127BL70B1 Datasheet HTML 20Page - STMicroelectronics M68AF127BL70B1 Datasheet HTML 21Page - STMicroelectronics M68AF127BL70B1 Datasheet HTML 22Page - STMicroelectronics M68AF127BL70B1 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21/23
M68AF127B
PART NUMBERING
Table 14. Ordering Information Scheme
For a list of available options (e.g., Speed, Package) or for further information on any aspect of this device,
please contact the STMicroelectronics Sales Office nearest to you.
Example:
M68AF127
B
L
55 MC
6
T
Device Type
M68
Mode
A = Asynchronous
Operating Voltage
F = 4.5 to 5.5V
Array Organization
127 = 1Mbit (128K x8)
Option 1
B = 2 Chip Enable
Option 2
L = L-Die
M = M-Die
Speed Class
55 = 55ns
70 = 70ns
Package
MC = SO32
B = PDIP32
NK = TSOP32 8x13.4mm
N = TSOP32 8x20mm
Operative Temperature
1 = 0 to 70°C
6 = –40 to 85°C
Shipping
T = Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com