Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCW-52-R Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # FCW-52-R
Description  Adhesive flat cable clamp that secures one or two cables with a screw option
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

FCW-52-R Datasheet(HTML) 1 Page - KITAGAWA GmbH

  FCW-52-R Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
UL
…UL1565 recognized product
UL
FCW CLAMP / FCW
Features
● Height of approx. 12mm, applicable to limited
spaces. Holds one or two flat cables firmly.
Material
UL94 V-2
● Nylon 66(Color:Grey)
(Unit:mm)
Part No.
F
Std. Package
Max. width Max. thickness
Applicable cable
A
FCW-26-R
FCW-52-R
26
52
B
35.5
61.5
C
18
44
D
29.5
55.5
25.5
51.5
2.4
E
14.5
8.45
̶
38.1
100 pcs.
50 pcs.
※ FCW-26-R is one screw hole type.
Screw mounting
Adhesive tape mounting
F
E
12
C
D
A
B
Double sided
adhesive tape
φ3.2
Adhesive flat cable clamp that secures one or two cables with a screw option
66


Similar Part No. - FCW-52-R

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
FCW100 SEOUL-FCW100 Datasheet
284Kb / 12P
Cellular phone?셲 Flash lighting
FCW100Z SEOUL-FCW100Z Datasheet
575Kb / 9P
FLASH LED DEVICE
FCW100Z SEOUL-FCW100Z Datasheet
324Kb / 12P
FLASH LED DEVICE
FCW100Z SEOUL-FCW100Z_1 Datasheet
324Kb / 12P
FLASH LED DEVICE
FCW101Z SEOUL-FCW101Z Datasheet
577Kb / 9P
FLASH LED DEVICE
More results

Similar Description - FCW-52-R

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCLD-780 ADVANTECH-PCLD-780 Datasheet
566Kb / 1P
Screw Terminal Board with Flat Cables
logo
Richco, Inc.
FCRC-13B-4-01 RICHCO-FCRC-13B-4-01 Datasheet
62Kb / 1P
FLAT CABLE ROUTING CLAMP
logo
List of Unclassifed Man...
FA28B0121 ETC2-FA28B0121 Datasheet
584Kb / 1P
flat cable clamp - flat cables up to 50-conductor widths
logo
PANDUIT CORP.
A2C12-A-C8 PANDUIT-A2C12-A-C8 Datasheet
88Kb / 1P
Hold cords, cables, and tubing Two rubber adhesive pads for added strength
logo
Richco, Inc.
AFCC-08 RICHCO-AFCC-08 Datasheet
34Kb / 1P
ALUMINUM FLAT CABLE CLAMP
logo
American Electronic Com...
D41F AEC-D41F Datasheet
681Kb / 3P
Screw or spring clamp terminals
D41F-SSR AEC-D41F-SSR Datasheet
695Kb / 3P
Screw or spring clamp terminals
logo
PHOENIX CONTACT
2773597 PHOENIX-2773597 Datasheet
65Kb / 4P
For one or two AS-Interface networks
logo
Tripp Lite. All Rights ...
P568-000-LOCK TRIPPLITE-P568-000-LOCK Datasheet
197Kb / 2P
HDMI Cable Lock - Clamp/Tie/Screw
logo
UMPCO, Inc.
S225 UMPCO-S225 Datasheet
133Kb / 1P
CLAMP, LOOPCUSHIONED, #8 OR #10 MOUNTING SCREW
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com