Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # HPC
Description  Suitable for contact in large clearance applications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

HPC Datasheet(HTML) 1 Page - KITAGAWA GmbH

  HPC Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
18
※ HPC-10-20T only
Adhesive tape※
φ3.2
(25)
Suitable for contact in large clearance applications
●
Special profile allows the contact clearance to vary from 10 to 20 mm.
●
No change in spring length when compressed results in space saving.
●
Assembled by screw or double-sided adhesive tape.
●
Stainless steel(SUS304/t=0.15mm)
HIGH-POINT CONTACT/HPC
Part No.
Specification
HPC-10-20T
Double-sided adhesive tape attached
HPC-10-20
Double-sided adhesive tape un-attached
Unit:mm
Feature
Material


Similar Part No. - HPC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HPC VISHAY-HPC Datasheet
112Kb / 2P
High Voltage Disc Capcitors, Screw mounting
21-Feb-02
HPC VISHAY-HPC Datasheet
87Kb / 4P
High Voltage Disc Capacitors, 20 kVDC Screw Mounting, Class 2 Ceramic
11-Sep-15
logo
Stackpole Electronics, ...
HPC SEI-HPC Datasheet
106Kb / 4P
High Power Surface Mount Resistor
05/12/2016
logo
PREMO CORPORATION S.L
HPC-001 PREMO-HPC-001 Datasheet
106Kb / 1P
High power planar chokes for HV applications
HPC-001 PREMO-HPC-001 Datasheet
81Kb / 2P
High Power Planar Chokes for HV Applications
More results

Similar Description - HPC

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
DN050 KODENSHI-DN050 Datasheet
197Kb / 4P
Suitable for low voltage large current drivers
DN100 KODENSHI-DN100 Datasheet
178Kb / 4P
Suitable for low voltage large current drivers
DP500F KODENSHI-DP500F Datasheet
285Kb / 4P
Suitable for low voltage large current drivers
DP500P KODENSHI-DP500P Datasheet
53Kb / 3P
Suitable for low voltage large current drivers
logo
TOKO, Inc
DFEH12060D TOKO-DFEH12060D Datasheet
229Kb / 1P
Suitable for large current
logo
Marl International Limi...
651-105-21 MARL-651-105-21_13 Datasheet
430Kb / 5P
Suitable for high vibration applications
515-501-04 MARL-515-501-04_13 Datasheet
397Kb / 5P
Suitable for high vibration applications
logo
Recom International Pow...
RACM65 RECOM-RACM65 Datasheet
556Kb / 6P
Suitable for built in Class II Applications
logo
M/A-COM Technology Solu...
MASW-011060 MA-COM-MASW-011060 Datasheet
769Kb / 7P
Suitable for Large Signal Broadband Applications
logo
PHOENIX CONTACT
2230009 PHOENIX-2230009 Datasheet
57Kb / 2P
Suitable for outdoor/indoor applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com