Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OG-R Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # OG-R
Description  Secure contact of screwed area
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

OG-R Datasheet(HTML) 1 Page - KITAGAWA GmbH

  OG-R Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10
●
Tough pitch copper※(Sn plating)
※
OG-RM26 is made of brass.
Secure contact of screwed area
●
FG reinforcement and reliable contact are achieved.
●
Prevention of screw loosening caused by vibration.
●
OG-RM is a space-saving fully-flat shape.
●
OG-RM30HF provides even further space saving.
Feature
Material
ON-BOARD LUG TERMINAL/OG-R・OG-RM
OG-R26 SN
φ3
φ4.7
6.85
4.5
OG-RM26
6.35
0.15
8
φ
4
OG-RM30HF
0.42
(10.7)
8.35
0.1
4
φ4.7
φ3
P=1×3
OG-R26 SN
(12.7)
9.7
6
P=1×3
0.6
0.1
OG-R30 SN
OG-RM30F
φ7.6
1
0.75
6.35
(3.65)
10.4


Similar Part No. - OG-R

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
OG-R KGS-OG-R Datasheet
1Mb / 9P
Grounding components, with support for automated mounting on PC board.
OG-RM KGS-OG-RM Datasheet
1Mb / 9P
Grounding components, with support for automated mounting on PC board.
More results

Similar Description - OG-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CC008V1A NXP-P5CC008V1A Datasheet
151Kb / 15P
Secure contact PKI smart card controller
Rev. 3-22 August 2012
logo
EPCOS
B84299D6010B003 EPCOS-B84299D6010B003 Datasheet
295Kb / 10P
Power line filter for shielded rooms & secure area
logo
Assmann Electronics Inc...
AU-Y1009 ASSMANN-AU-Y1009 Datasheet
102Kb / 1P
CONTACT AREA : GOLD PLATED 5U
AU-Y1009-2 ASSMANN-AU-Y1009-2 Datasheet
103Kb / 1P
CONTACT AREA : GOLD PLATED 30U
logo
Inchange Semiconductor ...
2SA1214 ISC-2SA1214 Datasheet
94Kb / 2P
Wide Area of Safe Operation
2SB850 ISC-2SB850 Datasheet
98Kb / 2P
Wide Area of Safe Operation
2SB982 ISC-2SB982 Datasheet
98Kb / 2P
Wide Area of Safe Operation
2SD1238 ISC-2SD1238 Datasheet
128Kb / 2P
Wide Area of Safe Operation
2SD1533 ISC-2SD1533 Datasheet
135Kb / 2P
Wide Area of Safe Operation
2SC2665 ISC-2SC2665 Datasheet
86Kb / 2P
Wide Area of Safe Operation
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com