Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OGSC Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # OGSC
Description  Automated mounting applicable component for grounding with side-contact on PC board.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

OGSC Datasheet(HTML) 1 Page - KITAGAWA GmbH

  OGSC Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8
C
OGSC-402030
1.9
4
2
1.6
Characteristics between Compression Force and Resistance
Automated mounting applicable component for grounding with side-contact on PC board.
●
Side-contact is applicable on PC board edge against chassis.
●
Grounding contact is applicable between mother PC board and vertically
placed daughter board.
●
OGSC-402030:Down-sized compact design has been reduced by 80% of
foot print area on PCB compared with existing part.
●
OGSC-756030:Structure resists deformation even during lateral sliding.
Feature
Enclosure
PC board
■
OGSC-402030
■
OGSC-756030
●
Phosphor bronze for spring (Sn reflow plating)
Material
OGSC-756030
4
2
Unit:mm
※
The values are measured data for reference, not guaranteed.
Unit:mm
SIDE CONTACT/OGSC


Similar Part No. - OGSC

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
OGSC KGS-OGSC Datasheet
1Mb / 9P
Grounding components, with support for automated mounting on PC board.
OGSC-B-302020 KGS-OGSC-B-302020 Datasheet
359Kb / 1P
Side contact for perpendicular grounding
OGSC-T-302020 KGS-OGSC-T-302020 Datasheet
359Kb / 1P
Side contact for perpendicular grounding
logo
ATGBICS by Approved Tec...
OGSC10DD0-C ATGBICS-OGSC10DD0-C Datasheet
322Kb / 9P
OGSC10DD0 Huawei Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
More results

Similar Description - OGSC

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
702-3700 CAMBION-702-3700 Datasheet
29Kb / 1P
Component Mounting Board, 40 pin
702-3723 CAMBION-702-3723 Datasheet
27Kb / 1P
Component Mounting Board, 8 pin
702-3724 CAMBION-702-3724 Datasheet
27Kb / 1P
Component Mounting Board, 8 pin
702-3726 CAMBION-702-3726 Datasheet
28Kb / 1P
Component Mounting Board, 14 pin
702-3728 CAMBION-702-3728 Datasheet
28Kb / 1P
Component Mounting Board, 16 pin
702-3730 CAMBION-702-3730 Datasheet
28Kb / 1P
Component Mounting Board, 16 pin
702-3732 CAMBION-702-3732 Datasheet
28Kb / 1P
Component Mounting Board, 12 pin
702-3733 CAMBION-702-3733 Datasheet
28Kb / 1P
Component Mounting Board, 24 pin
702-3734 CAMBION-702-3734 Datasheet
29Kb / 1P
Component Mounting Board, 18 pin
702-3735 CAMBION-702-3735 Datasheet
28Kb / 1P
Component Mounting Board, 20 pin
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com