Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OGSC Datasheet(PDF) 8 Page - KITAGAWA GmbH

Part # OGSC
Description  Grounding components, with support for automated mounting on PC board.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

OGSC Datasheet(HTML) 8 Page - KITAGAWA GmbH

  OGSC Datasheet HTML 1Page - KITAGAWA GmbH OGSC Datasheet HTML 2Page - KITAGAWA GmbH OGSC Datasheet HTML 3Page - KITAGAWA GmbH OGSC Datasheet HTML 4Page - KITAGAWA GmbH OGSC Datasheet HTML 5Page - KITAGAWA GmbH OGSC Datasheet HTML 6Page - KITAGAWA GmbH OGSC Datasheet HTML 7Page - KITAGAWA GmbH OGSC Datasheet HTML 8Page - KITAGAWA GmbH OGSC Datasheet HTML 9Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
0
5
10
15
20
3.5
3.7
3.9
4.1
4.3
4.5
4.7
Gap
(mm)
0.0
2.0
4.0
6.0
8.0
Resistance
Compression force
OG-362550
OG-362550
3.6
2
2.5
Material : Phosphor bronze for spring (t=0.15mm)
Surface treatment :Sn reflow plating
Recommended height : 3.6~4.5mm
OG-453060
4.5
2.4
3
Material : Phosphor bronze for spring (t=0.2mm)
Surface treatment :Sn reflow plating
Recommended height : 4.2~5.5mm
OG-453060
0
5
10
15
20
25
3.9
4.1
4.3
4.5
4.7
4.9
5.1
5.3
5.5
5.7
Gap (mm)
0
2
4
6
8
10
Resistance
Compression force
0
5
10
15
20
Gap(mm)
0.0
0.3
0.6
0.9
1.2
Resistance
Compression force
OG-363050HD
3.0
4.6
4.4
4.2
4.0
3.8
3.6
3.4
3.2
OG-363050HD
(1.4)
1.4
3
Material : Beryllium copper(t=0.1mm)
Surface treatment :Sn reflow plating(Ni plated contacts)
Recommended height : 3.2~4.4mm
3.6
1.4
5
OG-363050HDR
(1.4)
1.4
3
Material : Phosphor bronze for spring(t=0.1mm)
Surface treatment :Sn reflow plating
Recommended height : 3.2~4.4mm
3.6
1.4
5
0
20
10
30
40
3.0
3.4
3.8
4.2
4.6
Gap
(mm)
0.0
0.3
0.9
0.6
1.2
Resistance
Compression force
OG-363050HDR
OG-363050G
(1.4)
3.6
1.4
1.4
5
3
Material : Beryllium copper (t=0.1mm)
Surface treatment :Partial Au plating
Recommended height : 3.2~4.4mm
0
10
5
15
20
25
2.8
3.2
3.6
4.0
4.4
4.8
Gap
(mm)
0.0
2.0
4.0
6.0
8.0
10.0
Resistance
Compression force
OG-363050G
OG-503253-A
Material : Beryllium copper
(t0.12mm)
Surface treatment :Sn reflow plating
Recommended height : 3.5~4.5mm
OG-503253-A
Gap
(mm)
Resistance
Compression force
0.0
0.5
1.0
1.5
2.0
2.5
5
10
15
20
3.3
3.5
3.7
3.9
4.1
4.3
4.5
4.7
25
0
2.7
5
2.6
3.2
Compression force vs Electric resistance
Compression force vs Electric resistance
8
ON-BOARD CONTACT/OG
※Please confirm "Notes for Onboard series" on page 2 prior to purchase.
※The values are measured data for reference, not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com