Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WMS Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # WMS
Description  Standard wire mesh gaskets
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

WMS Datasheet(HTML) 1 Page - KITAGAWA GmbH

  WMS Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
87
Feature
Material
Standard wire mesh gaskets
●
Mesh structure conforms to irregular surfaces providing reliable shielding effects.
●
No unbraiding or wire loosening type also available, allowing cutting to desired length.
●
Nickel-copper alloy (Monel) wire
●
Custom cutting is available up on request
WIRE MESH/WMS・WMR・WMH・WMD
H
W
W
W
D
D
W
W
D
Part No.
H
W
WMS-15-15-M
1.5
1.5
WMS-15-32-M
1.5
3.2
WMS-23-23-M
2.3
2.3
WMS-23-32-M
2.3
3.2
WMS-32-32-M
3.2
3.2
WMS-32-39-M
3.2
3.9
WMS-47-47-M
4.7
4.7
Unit: mm
U
Part No.
D
W
WMD-19-158-M
1.9
15.8
WMD-25-126-M
2.5
12.6
Unit: mm
Part No.
D
W
WMH-19-95-M
1.9
9.5
WMH-19-126-M
1.9
12.6
WMH-25-128-M
2.5
12.8
WMH-32-126-M
3.2
12.6
Unit: mm
Part No.
D
WMR-13-M
1.3
WMR-15-M
1.5
WMR-18-M
1.8
WMR-24-M
2.4
WMR-32-M
3.2
WMR-35-M
3.5
WMR-39-M
3.9
WMR-47-M
4.7
WMR-63-M
6.3
WMR-92-M
9.2
Rectangular
Round
P
section
Double P section
Unit: mm


Similar Part No. - WMS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
WMS MSYSTEM-WMS Datasheet
104Kb / 3P
Dual Output Plug-in Signal Conditioners W-UNIT
logo
Brady Worldwide, Inc.
WMS-111-321 BRADY-WMS-111-321 Datasheet
295Kb / 1P
Cable Marking Labels
logo
White Electronic Design...
WMS128K8-100CC WEDC-WMS128K8-100CC Datasheet
147Kb / 8P
128Kx8 MONOLITHIC SRAM, SMD 5962-96691
WMS128K8-100CCA WEDC-WMS128K8-100CCA Datasheet
147Kb / 8P
128Kx8 MONOLITHIC SRAM, SMD 5962-96691
WMS128K8-100CI WEDC-WMS128K8-100CI Datasheet
147Kb / 8P
128Kx8 MONOLITHIC SRAM, SMD 5962-96691
More results

Similar Description - WMS

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
559-002-02 GLENAIR-559-002-02 Datasheet
31Kb / 1P
EMI/Environmental Gaskets
logo
Molex Electronics Ltd.
130095-0229 MOLEX11-130095-0229 Datasheet
36Kb / 1P
Heavy Duty Wire Mesh Slack Grip Cable, Closed Mesh, Double Weave
130095-0232 MOLEX11-130095-0232 Datasheet
36Kb / 1P
Heavy Duty Wire Mesh Slack Grip Cable, Closed Mesh, Double Weave
130095-0233 MOLEX11-130095-0233 Datasheet
36Kb / 1P
Heavy Duty Wire Mesh Slack Grip Cable, Closed Mesh, Double Weave
130095-0272 MOLEX11-130095-0272 Datasheet
44Kb / 1P
High Strength Wire Mesh Pulling Grip, Mesh Length 0.61m (24.00),
130095-0273 MOLEX11-130095-0273 Datasheet
44Kb / 1P
High Strength Wire Mesh Pulling Grip, Mesh Length 0.66m (26.00),
130095-0274 MOLEX11-130095-0274 Datasheet
36Kb / 1P
High Strength Wire Mesh Pulling Grip, Mesh Length 1.219m
130095-0275 MOLEX11-130095-0275 Datasheet
44Kb / 1P
High Strength Wire Mesh Pulling Grip, Mesh Length 1.524m
1300950274 MOLEX11-1300950274 Datasheet
37Kb / 1P
High Strength Wire Mesh Pulling Grip, Mesh Length 1.219m
1300950275 MOLEX11-1300950275 Datasheet
37Kb / 1P
High Strength Wire Mesh Pulling Grip, Mesh Length 1.524m
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com