Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3241ECPR Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST3241ECPR
Description  ±15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3241ECPR Datasheet(HTML) 4 Page - STMicroelectronics

  ST3241ECPR Datasheet HTML 1Page - STMicroelectronics ST3241ECPR Datasheet HTML 2Page - STMicroelectronics ST3241ECPR Datasheet HTML 3Page - STMicroelectronics ST3241ECPR Datasheet HTML 4Page - STMicroelectronics ST3241ECPR Datasheet HTML 5Page - STMicroelectronics ST3241ECPR Datasheet HTML 6Page - STMicroelectronics ST3241ECPR Datasheet HTML 7Page - STMicroelectronics ST3241ECPR Datasheet HTML 8Page - STMicroelectronics ST3241ECPR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Pin configuration
ST3241EB - ST3241EC
4/15
18
R2OUT
Second receiver output voltage
19
R1OUT
First receiver output voltage
20
R2OUTB
Non-inverting complementary receiver output, always active for wake-up
21
R1OUTB
Non-inverting complementary receiver output, always active for wake-up
22
SHDN
Shutdown control. Active low.
23
EN
Receiver enable. Active low
24
C1-
Negative terminal of voltage- charge pump capacitor
25
GND
Ground
26
VCC
Supply voltage
27
V+
5.5V Generated by the charge pump
28
C1+
Positive terminal of voltage- Charge pump capacitor
Table 2.
Pin description (continued)
Pin n°
Symbol
Name and function
Table 3.
Shutdown and enable control truth table
SHDN
EN
TOUT
ROUT
ROUTB
0
0
HIGH Z
ACTIVE
ACTIVE
0
1
HIGH Z
HIGH Z
ACTIVE
1
0
ACTIVE
ACTIVE
ACTIVE
1
1
ACTIVE
HIGH Z
ACTIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com