Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7-R6200 Datasheet(PDF) 1 Page - Brady Worldwide, Inc.

Part # M7-R6200
Description  SERIES THERMAL TRANSFER RIBBON
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.

M7-R6200 Datasheet(HTML) 1 Page - Brady Worldwide, Inc.

  M7-R6200 Datasheet HTML 1Page - Brady Worldwide, Inc. M7-R6200 Datasheet HTML 2Page - Brady Worldwide, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet
BRADY R6200 SERIES THERMAL TRANSFER RIBBON
TDS No. R6200
Effective Date: 03/18/2022
Description:
Brady R6200 Series ribbon is based on a resin formulation which offers the end user a high performance image when used with
Brady label materials. Advantages of the R6200 Series ribbon, when printed on the appropriate Brady label, include superior
scratch, smear, heat and chemical resistance. Please refer to the appropriate product Technical Data Sheet for specific ribbon
and label performance characteristics. This ribbon is recommended for printing on glossy or smooth labelstock. The R6200 ribbon
also prints on somewhat matte labelstocks.
Brady’s R6200 Series ribbon is US Recognized and/or CSA Accepted on various Brady labelstocks. Refer to UL file MH17154 and
MH10939 and CSA Acceptance Record LS41833 for specific material and ribbon approvals.
Brady’s R6200 Series ribbon is halogen free per the IEC 61249-2-21 standard which states the requirements of a maximum of 900
PPM Cl, 900 PPM Br and 1500PPM total halogens, the JPCA-ES-01-1999 standard which states the criteria as <900 PPM Br and
<900 PPM Cl and the IPC-4101B definition of halogen free being a maximum of 900 PPM Cl, 900 PPM Br and 1500PPM total
halogens. Note: Fluorine, Iodine and Astatine (Other Group VIIA Halogens) are not restricted in the industry definition of Halogen
Free.
This ribbon is available in various sizes to be used in Brady bench top and portable thermal transfer printers.
Regulatory Approvals:
For information on the Weee-RoHS compliance status for a Brady Product go to one of the following websites:
In Canada: www.bradycanada.ca/weee-rohs
In Europe: www.bradyeurope.com/rohs
In Japan: www.brady.co.jp/products/labelsuse/rohs
All other regions: www.bradyid.com/weee-rohs
Details:
Ink Color:
Black
Base Film:
Polyester
Base Film Thickness:
4.5 microns
Ink Melting Temperature:
110°C (230 °F)
Usage Condition:
5° - 35°C (41° - 95°F), 45 - 85% relative humidity
Exposure to direct sunlight should be avoided. Avoid extreme high temperature and high humidity.
Shelf Life:
Shelf life is two years from the date of receipt for this product as long as this product is stored in its original packaging in an
environment below 80° F (27° C) and 60% RH. It remains the responsibility of the user to assess the risk of using this product. We
encourage customers to develop testing protocols that will qualify a product's fitness for use in their actual application
Note: All values shown are averages and should not be used for specification purposes.
Test data and test results contained in this document are for general information only and shall not be relied upon by Brady
customers for designs and specifications, or be relied on as meeting specified performance criteria. Customers desiring to
develop specifications or performance criteria for specific product applications should contact Brady for further information.
Product compliance information is based upon information provided by suppliers of the raw materials used by Brady to
manufacture this product or based on results of testing using recognized analytical methods performed by a third party,
independent laboratory. As such, Brady makes no independent representations or warranties, express or implied, and
assumes no liability in connection with the use of this information.
WARRANTY
Brady products are sold with the understanding that the buyers will test them in actual use and determine for themselves their
adaptability to their intended uses. Brady warrants to the buyers that its products are free from defects in material and
workmanship, but limits its obligation under this warranty to replacement of the product shown to Brady's satisfaction to have
been defective at the time Brady sold it. This warranty does not extend to any persons obtaining the product from the buyers.
This warranty is in lieu of any other warranty, express or implied, including, but not limited to, any implied warranty of
merchantability or fitness for a particular purpose, and of any other obligations or liability on Brady's part. Under no
circumstances will Brady be liable for any loss, damage, expense, or consequential damages of any kind arising in connection
with the use, or inability to use, Brady's products.


Similar Part No. - M7-R6200

ManufacturerPart #DatasheetDescription
logo
Brady Worldwide, Inc.
M7-094-1-342 BRADY-M7-094-1-342 Datasheet
311Kb / 6P
PERMASLEEVE MARKER
9/29/2023
M7-10-423 BRADY-M7-10-423 Datasheet
284Kb / 4P
BRADYBONDZ(TM) B-423 THERMAL TRANSFER PRINTABLE GLOSSY WHITE POLYESTER LABEL STOCK
10/05/2022
M7-109-427 BRADY-M7-109-427 Datasheet
76Kb / 3P
THERMAL TRANSFER PRINTABLE TRANSLUCENT VINYL TAPE
10/20/2022
M7-11-427 BRADY-M7-11-427 Datasheet
76Kb / 3P
THERMAL TRANSFER PRINTABLE TRANSLUCENT VINYL TAPE
10/20/2022
M7-125-1-342 BRADY-M7-125-1-342 Datasheet
311Kb / 6P
PERMASLEEVE MARKER
9/29/2023
More results

Similar Description - M7-R6200

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1654227 MACOM-1654227 Datasheet
2Mb / 48P
Thermal Transfer
logo
List of Unclassifed Man...
R6011 ETC2-R6011 Datasheet
496Kb / 1P
Thermal Transfer Print Ribbons
logo
PANDUIT CORP.
C025X025KBT PANDUIT-C025X025KBT Datasheet
95Kb / 3P
Thermal Transfer Component Labels
RHR4BL-S PANDUIT-RHR4BL-S Datasheet
104Kb / 2P
Thermal Transfer Resin Ribbon
logo
TE Connectivity Ltd
T200 TEC-T200 Datasheet
616Kb / 5P
BUDGET THERMAL TRANSFER PRINTER
TTDS-256 TEC-TTDS-256 Datasheet
616Kb / 5P
BUDGET THERMAL TRANSFER PRINTER
TTDS-275 TEC-TTDS-275 Datasheet
356Kb / 5P
BUDGET THERMAL TRANSFER PRINTER (300dpi)
logo
PHOENIX CONTACT
1090747 PHOENIX-1090747 Datasheet
310Kb / 26P
Thermal transfer printer - THERMOMARK GO
1184146 PHOENIX-1184146 Datasheet
207Kb / 15P
Thermal transfer printer - THERMOMARK GO.K
09/12/2020
logo
Wurth Elektronik GmbH &...
403012008 WURTH-403012008 Datasheet
274Kb / 3P
WE-TTT Thermal Transfer Tape
001.000
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com