Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3699B Datasheet(PDF) 14 Page - STMicroelectronics

Part # STG3699B
Description  Low voltage 0.5 廓 max, quad SPDT switch with break-before-make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3699B Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STG3699B Datasheet HTML 10Page - STMicroelectronics STG3699B Datasheet HTML 11Page - STMicroelectronics STG3699B Datasheet HTML 12Page - STMicroelectronics STG3699B Datasheet HTML 13Page - STMicroelectronics STG3699B Datasheet HTML 14Page - STMicroelectronics STG3699B Datasheet HTML 15Page - STMicroelectronics STG3699B Datasheet HTML 16Page - STMicroelectronics STG3699B Datasheet HTML 17Page - STMicroelectronics STG3699B Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Package mechanical data
STG3699B
14/18
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 12.
QFN16L (2.6 x 1.8 mm) package outline
1.
Drawing not to scale.
Table 9.
QFN16L (2.6 x 1.8 mm) mechanical data
Dimensions
Symbol
Databook (mm)
Nom
Min
Max
A
0.55
0.45
0.60
A1
0.02
0
0.05
b
0.20
0.15
0.25
D
2.60
2.50
2.70
E
1.80
1.70
1.90
e
0.40
L
0.40
0.35
0.45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com