Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CON320 Datasheet(PDF) 8 Page - Clarke International

Part # CON320
Description  ORBITAL SANDER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CON320 Datasheet(HTML) 8 Page - Clarke International

Back Button CON320 Datasheet HTML 4Page - Clarke International CON320 Datasheet HTML 5Page - Clarke International CON320 Datasheet HTML 6Page - Clarke International CON320 Datasheet HTML 7Page - Clarke International CON320 Datasheet HTML 8Page - Clarke International CON320 Datasheet HTML 9Page - Clarke International CON320 Datasheet HTML 10Page - Clarke International CON320 Datasheet HTML 11Page - Clarke International CON320 Datasheet HTML 12Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
OPERATION
FITTING THE SANDING SHEET
1. With the sander disconnected from the power supply, select the sanding
sheet appropriate for the task and attach it to the base plate as follows.
Either plain sanding sheets or prepared sheets for hook and loop
attachment can be used.
PLAIN SANDING SHEETS
1. Lift the paper retaining clips to the
open position and insert one end
of the sanding sheet under the
retaining clip. Set the clip back in
the retaining position to hold the
sheet and lightly stretch it over the
baseplate, ensuring it is not folded
or wrinkled, then position it under
the other retaining clip. Lock the
second clip back into the
retaining position.
2. Check the sheet lays straight and
flat on the baseplate. If not,
release either clip and adjust the
sheet before resetting the clip.
HOOK AND LOOP SANDING SHEETS
1. Align the sanding sheet so that
the holes are aligned with those in
the base plate (this is necessary
for dust extraction), press the
sheet evenly onto the base plate
to attach it.
REPLACEMENT SHEETS
The following sanding sheets are available from your CLARKE dealer.
Grit
Size (mm)
Part No
60
115 x 230 mm
6502072
80
115 x 230 mm
6502073
120
115 x 230 mm
6502074



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com