Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA4040PBC/Z Datasheet(PDF) 1 Page - Kingbright Corporation

Part # AA4040PBC/Z
Description  4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA4040PBC/Z Datasheet(HTML) 1 Page - Kingbright Corporation

  AA4040PBC/Z Datasheet HTML 1Page - Kingbright Corporation AA4040PBC/Z Datasheet HTML 2Page - Kingbright Corporation AA4040PBC/Z Datasheet HTML 3Page - Kingbright Corporation AA4040PBC/Z Datasheet HTML 4Page - Kingbright Corporation AA4040PBC/Z Datasheet HTML 5Page - Kingbright Corporation AA4040PBC/Z Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAH2389
REV NO: V.2
DATE: JUN/22/2007
PAGE: 1 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: W.J.ZHU
ERP: 1201003011
Package Dimensions
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT
LED LAMP
Features
SINGLE COLOR.
SUITABLE FOR ALL SMT ASSEMBLY AND
SOLDER PROCESS.
AVAILABLE ON TAPE AND REEL.
IDEAL FOR BACKLIGHTING.
PACKAGE : 500PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 4.
RoHS COMPLIANT.
Part Number: AA4040PBC/Z
BLUE
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
PRELIMINARY SPEC
Description
The Blue source color devices are made with InGaN Light
Emitting Diode.
Static electricity and surge damage the LEDS.
It is recommended to use a wrist band or anti-electrostatic
glove when handling the LEDs.
All devices, equipment and machinery must be electrically
grounded.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.


Similar Part No. - AA4040PBC/Z

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA4040PBC/A KINGBRIGHT-AA4040PBC/A Datasheet
284Kb / 5P
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
More results

Similar Description - AA4040PBC/Z

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA4040CGCK KINGBRIGHT-AA4040CGCK Datasheet
278Kb / 5P
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040RWC KINGBRIGHT-AA4040RWC Datasheet
385Kb / 8P
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040SGC KINGBRIGHT-AA4040SGC Datasheet
278Kb / 5P
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040SURC KINGBRIGHT-AA4040SURC Datasheet
163Kb / 5P
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040SYC KINGBRIGHT-AA4040SYC Datasheet
163Kb / 5P
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040SYCK KINGBRIGHT-AA4040SYCK Datasheet
278Kb / 5P
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040ZGC KINGBRIGHT-AA4040ZGC Datasheet
171Kb / 5P
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZMD67W SUNLED-ZMD67W Datasheet
197Kb / 4P
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AA4040QWS-D KINGBRIGHT-AA4040QWS-D Datasheet
273Kb / 7P
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
AA4040SRS TO-GRACE-AA4040SRS Datasheet
1Mb / 6P
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com