Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61-R10010 Datasheet(PDF) 1 Page - Brady Worldwide, Inc.

Part # M61-R10010
Description  HandiMark® Material to BMP®61 and BradyPrinter M611 Material Cross-Reference
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.

M61-R10010 Datasheet(HTML) 1 Page - Brady Worldwide, Inc.

  M61-R10010 Datasheet HTML 1Page - Brady Worldwide, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Material
Color
Tape
width
HandiMark
catalog #
M611 / BMP61
catalog #
B-595 Indoor / Outdoor Vinyl Material
B-595
White
0.5 in.
142269
M61C-500-595-WT
B-595
White
1.0 in.
142270
M61C-1000-595-WT
B-595
White
2.0 in.
142271
M61C-2000-595-WT
B-595
Yellow
0.5 in.
142272
M61C-500-595-YL
B-595
Yellow
1.0 in.
142273
M61C-1000-595-YL
B-595
Yellow
2.0 in.
142274
M61C-2000-595-YL
B-595
Green
0.5 in.
142275
M61C-500-595-GN
B-595
Green
1.0 in.
142276
M61C-1000-595-GN
B-595
Green
2.0 in.
142277
M61C-2000-595-GN
B-595
Red
0.5 in.
142278
M61C-500-595-RD
B-595
Red
1.0 in.
142279
M61C-1000-595-RD
B-595
Red
2.0 in.
142280
M61C-2000-595-RD
B-595
Blue
0.5 in.
142281
M61C-500-595-BL
B-595
Blue
1.0 in.
142282
M61C-1000-595-BL
B-595
Blue
2.0 in.
142283
M61C-2000-595-BL
B-595
Orange
0.5 in.
142284
M61C-500-595-OR
B-595
Orange
1.0 in.
142285
M61C-1000-595-OR
B-595
Orange
2.0 in.
142286
M61C-2000-595-OR
B-595
Black
0.5 in.
142287
M61C-500-595-BK
B-595
Black
1.0 in.
142288
M61C-1000-595-BK
B-595
Black
2.0 in.
142289
M61C-2000-595-BK
B-595
Gray
0.5 in.
142290
Available as custom
B-595
Gray
1.0 in.
142291
M61C-1000-595-GY
B-595
Gray
2.0 in.
142292
Available as custom
B-595
Brown
0.5 in.
142293
Available as custom
B-595
Brown
1.0 in.
142294
Available as custom
B-595
Brown
2.0 in.
142295
M61C-2000-595-BR
B-595
Gold
0.5 in.
142296
Available as custom
B-595
Gold
1.0 in.
142297
Available as custom
B-595
Gold
2.0 in.
142298
M61C-2000-595-GD
B-595
Purple
0.5 in.
142299
Available as custom
B-595
Purple
1.0 in.
142300
Available as custom
B-595
Purple
2.0 in.
142301
M61C-2000-595-PL
B-595
Clear
0.5 in.
142302
M61C-500-595-CL
B-595
Clear
1.0 in.
142303
M61C-1000-595-CL
B-595
Clear
2.0 in.
142304
M61C-2000-595-CL
B-595
Light Blue
2.0 in.
142305
M61C-2000-595-LB
B-595
Light Blue
1.0 in.
142306
Available as custom
B-595
Tan
2.0 in.
142307
Available as custom
Material
Color
Tape
width
HandiMark
catalog #
M611 / BMP61
catalog #
B-584 Reflective Material
B-584
Reflective Silver
1.0 in.
42062
Available as custom
B-584
Reflective Silver
2.0 in.
42063
M61C-2000-584-SL
B-584
Reflective Yellow
1.0 in.
42064
M61C-1000-584-YL
B-584
Reflective Yellow
2.0 in.
42065
M61C-2000-584-YL
B-584
Reflective Orange
1.0 in.
42066
M61C-1000-584-OR
B-584
Reflective Orange
2.0 in.
42067
M61C-2000-584-OR
R10000 Print Ribbons
Color
Ribbon
width
HandiMark
catalog #
M611 / BMP61
catalog #
Black
2.0 in.
42011
M61-R10010
White
2.0 in.
42012
M61-R10010-WT
Red
2.0 in.
42013
M61-R10010-RD
Yellow
2.0 in.
42123
M61-R10010-YL
Blue
2.0 in.
42014
M61-R10010-BL
Green
2.0 in.
42015
M61-R10010-GN
Magenta
2.0 in.
42016
M61-R10010-MA
© 2019 Brady Worldwide Inc. ALL RIGHTS RESERVED
HandiMark® Material to BMP®61 and
BradyPrinter M611 Material Cross-Reference
Trading up from a HandiMark Label Printer? Use the helpful chart below to find a similar material for your new printer.
USA
Customer Service: 1-888-272-3946
Inside Sales: 1-888-311-0775
BradyID.com
Canada
Customer Service: 1-800-263-6179
BradyCanada.ca
Mexico
Customer Service: 1-800-262-7777
Inside Sales: 1-800-262-7777 ext 177
BradyLatinAmerica.com


Similar Part No. - M61-R10010

ManufacturerPart #DatasheetDescription
logo
Brady Worldwide, Inc.
M61-R4310 BRADY-M61-R4310 Datasheet
277Kb / 1P
BRADY R4300 SERIES THERMAL TRANSFER RIBBON
03/20/2019
M61-R4310. BRADY-M61-R4310. Datasheet
277Kb / 1P
BRADY R4300 SERIES THERMAL TRANSFER RIBBON
03/20/2019
More results

Similar Description - M61-R10010

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393589-9 MACOM-2-1393589-9 Datasheet
28Kb / 1P
Cross reference table
logo
Projects Unlimited, Inc...
SMT-0825-T-R PUI-SMT-0825-T-R Datasheet
167Kb / 1P
1CHANGED MATERIAL & TERMINAL MATERIAL
logo
Toshiba Semiconductor
42HL196 TOSHIBA-42HL196 Datasheet
422Kb / 10P
Service Material and Reference Tips
7/6/2007
logo
List of Unclassifed Man...
MA3329-154 ETC1-MA3329-154 Datasheet
3Mb / 16P
HELI-COIL® Tangless® Inserts Cross-Reference
Rev.2 06/14
logo
Advantech Co., Ltd.
SOM-6832 ADVANTECH-SOM-6832 Datasheet
1Mb / 6P
Intel® Pentium®/Celeron® and Atom® x6000 Series Processors (Code Name: Elkhart Lake) COM Express® Compact Type6
29-Nov-2021
SOM-7532 ADVANTECH-SOM-7532 Datasheet
468Kb / 2P
Intel® Pentium®/Celeron® and Atom® x6000 Series Processors (Code Name: Elkhart Lake) COM Express® Mini Type10
19-Aug-2022
logo
AAEON Technology
GENE-EHL5 AAEON-GENE-EHL5 Datasheet
553Kb / 2P
SubCompact Board with Intel Atom® x6000E Series, and Intel® Pentium® and Celeron® N and J Series Processors
2022/09/08
PICO-EHL1 AAEON-PICO-EHL1 Datasheet
558Kb / 2P
Pico-ITX Board with Intel Atom® x6000E Series, and Intel® Pentium® and Celeron® N and J Series Processors
2023/04/14
PICO-EHL4 AAEON-PICO-EHL4 Datasheet
531Kb / 2P
Pico-ITX Board with Intel® Atom™ x6000E Series, Intel® Pentium®, and Celeron® N and J series processors
2022/11/24
logo
Banner Engineering Corp...
DX80ER9M-H BANNER-DX80ER9M-H Datasheet
1Mb / 15P
Sure Cross® MultiHop Ethernet Data Radio
14 March 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com