Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP16DP05 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STP16DP05
Description  Low voltage 16-bit constant current LED sink driver with outputs error detection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16DP05 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STP16DP05 Datasheet HTML 12Page - STMicroelectronics STP16DP05 Datasheet HTML 13Page - STMicroelectronics STP16DP05 Datasheet HTML 14Page - STMicroelectronics STP16DP05 Datasheet HTML 15Page - STMicroelectronics STP16DP05 Datasheet HTML 16Page - STMicroelectronics STP16DP05 Datasheet HTML 17Page - STMicroelectronics STP16DP05 Datasheet HTML 18Page - STMicroelectronics STP16DP05 Datasheet HTML 19Page - STMicroelectronics STP16DP05 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Detection mode functionality
STP16DP05
16/29
7
Detection mode functionality
7.1
Phase one: “entering in detection mode“
From the “normal mode” condition the device can switch to the “error mode“ by a logic
sequence on the OE\DM2 and LE/DM1 pins as showed in the following table and diagram:
After these five CLK cycles the device goes into the “error detection mode“ and at the 6th
rise front of CLK the SDI data are ready for the sampling.
Table 12.
Entering in detection truth table
CLK
1°2°3°4°
5°
OE/DM2
H
L
HHH
LE/DM1
LLL
H
L
Figure 15. Entering in detection timing diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com