Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP16DP05XTTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP16DP05XTTR
Description  Low voltage 16-bit constant current LED sink driver with outputs error detection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16DP05XTTR Datasheet(HTML) 1 Page - STMicroelectronics

  STP16DP05XTTR Datasheet HTML 1Page - STMicroelectronics STP16DP05XTTR Datasheet HTML 2Page - STMicroelectronics STP16DP05XTTR Datasheet HTML 3Page - STMicroelectronics STP16DP05XTTR Datasheet HTML 4Page - STMicroelectronics STP16DP05XTTR Datasheet HTML 5Page - STMicroelectronics STP16DP05XTTR Datasheet HTML 6Page - STMicroelectronics STP16DP05XTTR Datasheet HTML 7Page - STMicroelectronics STP16DP05XTTR Datasheet HTML 8Page - STMicroelectronics STP16DP05XTTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
February 2008
Rev 4
1/29
29
Features
■ Low voltage power supply down to 3 V
■ 16 constant current output channels
■ Adjustable output current through external
resistor
■ Short and open output error detection
■ Serial Data IN/Parallel data OUT
■ 3.3 V micro driver-able
■ Output current: 5-100 mA
■ 30 MHz clock frequency
■ Available in high thermal efficiency TSSOP
exposed pad
■ ESD protection 2.5 kV HBM, 200 V MM
Description
The STP16DP05 is a monolithic, low voltage, low
current power 16-bit shift register designed for
LED panel displays. The device contains a 16-bit
serial-in, parallel-out shift register that feeds a
16-bitD-type storage register. In the output stage,
sixteen regulated current sources were designed
to provide 5-100 mA constant current to drive the
LEDs.
The STP16DP05 features open and short LED
detections on the outputs.The STP16DP05 is
backward compatible with STP16C/L596.The
detection circuit checks 3 different conditions that
can occur on the output line: short to GND, short
to VO or open line.
The data detection results are loaded in the shift
register and shifted out via the serial line output.
The detection functionality is implemented without
increasing the pin count number, through a
secondary function of the output enable and latch
pin (DM1 and DM2 respectively), a dedicated
logic sequence allows the device to enter or leave
from detection mode. Through an external
resistor, users can adjust the STP16DP05 output
current, controlling in this way the light intensity of
LEDs, in addition, user can adjust LED’s
brightness intensity from 0 % to 100 % via
OE/DM2
pin.
The STP16DP05 guarantees a 20 V output
driving capability, allowing users to connect more
LEDs in series. The high clock frequency,
30 MHz, makes the device suitable for high data
rate transmission. The 3.3 V voltage supply is well
useful for applications that interface any 3.3V
micro. Compared with a standard TSSOP
package, the TSSOP exposed pad increases heat
dissipation capability by a 2.5 factor.
SO-24
TSSOP24
TSSOP24
(exposed pad)
QSOP-24
Table 1.
Device summary
Order codes
Package
Packaging
STP16DP05MTR
SO-24 (tape and reel)
1000 parts per reel
STP16DP05TTR
TSSOP24 (tape and reel)
2500 parts per reel
STP16DP05XTTR
TSSOP24 exposed pad
(tape and reel)
2500 parts per reel
STP16DP05PTR
QSOP-24
2500 parts per reel
STP16DP05
Low voltage 16-bit constant current
LED sink driver with outputs error detection
www.st.com


Similar Part No. - STP16DP05XTTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16DP05XTTR STMICROELECTRONICS-STP16DP05XTTR Datasheet
598Kb / 28P
Low voltage 16-bit constant current LED sink driver with outputs error detection
10-Jul-2007
More results

Similar Description - STP16DP05XTTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5027 ETC-MBI5027 Datasheet
450Kb / 24P
16 BIT CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
MBI5169 ETC-MBI5169 Datasheet
1Mb / 19P
8 bit CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
MBI5029 ETC1-MBI5029 Datasheet
702Kb / 31P
16-Bit Constant Current LED Sink Driver with Error Detection and Current Adjust
logo
STMicroelectronics
STP08DP05 STMICROELECTRONICS-STP08DP05 Datasheet
531Kb / 30P
Low voltage 8-Bit constant current Led sink with full outputs error detection
21-May-2007
STP16DP05 STMICROELECTRONICS-STP16DP05 Datasheet
598Kb / 28P
Low voltage 16-bit constant current LED sink driver with outputs error detection
10-Jul-2007
STP24DP05 STMICROELECTRONICS-STP24DP05 Datasheet
470Kb / 26P
24-bit constant current LED sink driver with output error detection
19-Apr-2008
logo
Silicon Touch Technolog...
DM11C SITI-DM11C Datasheet
668Kb / 34P
8-bit Constant Current LED Driver with Error Detection
logo
STMicroelectronics
STP16DPS05 STMICROELECTRONICS-STP16DPS05 Datasheet
1Mb / 34P
Low voltage 16-bit constant current LED Sink driver with outputs error detection
22-Jan-2010
STP16DPPS05 STMICROELECTRONICS-STP16DPPS05 Datasheet
666Kb / 35P
Low voltage 16-bit constant current LED sink driver with output error detection and auto power-saving
17-Jun-2014
STP16DPP05 STMICROELECTRONICS-STP16DPP05 Datasheet
1Mb / 34P
Low voltage 16-bit constant current LED sink driver with output error detection
April 2017 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com