Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4115 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT4115
Description  miniature surface mount, high density Watch Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT4115 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT4115 Datasheet HTML 1Page - Advanced Crystal Technology ACT4115 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Parameter
Symbol
Specification
condition
Nominal Frequency
fo
32.768KHz
Frequency Tolerance @25°C
∆f/fo
±20ppm
DL 0.1
µW
Frequency v Temperature
∆f/fo
See Drawing
Turnover Temperature
Tm
25°C ±5°C
Temperature Coefficient
β
-0.035+/-0.008ppm / °C Typical
Temp Operating Range
Topr
-40 ~ +85°C
Temp Storage Range
Tstg
-55 ~ +125°C
Equivalent Series Resistance
ESR
65K
Ω max
Load Capacitance
CL
12.5pF
Shunt Capacitance
C0
1.3pF Typical
Motional Capacitance
C1
2.3fF Typical
Drive Level
DL
0.1
µ W typical,0.5µW max
Insulation Resistance
IR
500M
Ω @ 100VDC min
Aging
Fa
±3ppm max
First year, 25°C ±3°C
Re-flow
Please refer to page 2
Leakage
<1X10
-8 hpa · 1/s
Helium leakage
Issue 2A3L
Date 08/03/2007
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
ACT4115 SMX
ISO9001:2000 Registered
Specification
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
The ACT4115 is a miniature surface mount, high density Watch Crystal in a metal lid, ceramic base low height
and weight package. High stability is assured with a vacuum within a seam sealed package. It is very suitable for
portable equipment and close component packing density requirements. The product is available taped and
reeled on 3,000 piece reels and is fully RoHS compatible.
In line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without notice
For quotations or further information please contact us at:
Maximum Soldering Conditions
Pad Surface Material
Au


Similar Part No. - ACT4115

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT4115A ACT-ACT4115A Datasheet
281Kb / 3P
miniature surface mount high density Watch Crystal
11-2-2013
More results

Similar Description - ACT4115

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XT32P VISHAY-XT32P Datasheet
118Kb / 1P
Surface Mount Watch Crystal
17-Jun-05
logo
List of Unclassifed Man...
ACT201 ETC2-ACT201 Datasheet
132Kb / 2P
miniature surface mount Watch Crystal whose low power
logo
Advanced Crystal Techno...
ACT90 ACT-ACT90 Datasheet
290Kb / 4P
miniature surface mount Watch Crystal
16/06/05
ACT201 ACT-ACT201 Datasheet
132Kb / 2P
miniature surface mount Watch Crystal
17/08/04
ACT3215 ACT-ACT3215 Datasheet
240Kb / 2P
surface mount high density Watch Crystal
08/03/2007
ACTJ206SMX ACT-ACTJ206SMX Datasheet
295Kb / 2P
miniature surface mount Watch Crystal in a cylindrical
23/03/07
logo
Fox Electronics
FSP FOX-FSP Datasheet
78Kb / 1P
ULTRA MINIATURE SURFACE MOUNT WATCH CRYSTAL
logo
Advanced Crystal Techno...
ACT3215A ACT-ACT3215A_12 Datasheet
212Kb / 3P
miniature surface mount high density Watch Crystal
23/07/2012
ACT4115A ACT-ACT4115A Datasheet
281Kb / 3P
miniature surface mount high density Watch Crystal
11-2-2013
ACTJ206SMX ACT-ACTJ206SMX_12 Datasheet
183Kb / 3P
miniature surface mount Watch Crystal in a cylindrical
31-05-2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com