Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP16DP05PTR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STP16DP05PTR
Description  Low voltage 16-bit constant current LED sink driver with outputs error detection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16DP05PTR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STP16DP05PTR Datasheet HTML 10Page - STMicroelectronics STP16DP05PTR Datasheet HTML 11Page - STMicroelectronics STP16DP05PTR Datasheet HTML 12Page - STMicroelectronics STP16DP05PTR Datasheet HTML 13Page - STMicroelectronics STP16DP05PTR Datasheet HTML 14Page - STMicroelectronics STP16DP05PTR Datasheet HTML 15Page - STMicroelectronics STP16DP05PTR Datasheet HTML 16Page - STMicroelectronics STP16DP05PTR Datasheet HTML 17Page - STMicroelectronics STP16DP05PTR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Typical characteristics
STP16DP05
14/29
Conditions:
Temperature = 25 °C, VDD = 3.3 V; 5.0 V, ISET = 3 mA; 5 mA; 10 mA; 20 mA; 50 mA; 80 mA.
Figure 12. ISET vs drop out voltage (Vdrop)
Table 11.
ISET vs drop out voltage (Vdrop)
Iout (mA)
Avg @ 3.0 V
Avg @ 5.0 V
3
19.33
22.66
5
36.67
40.33
10
77.33
80
20
158.67
157.33
50
406
406
80
692
668
0
100
200
300
400
500
600
700
800
0
20406080
Iset mA)
Avg @ 3.0V
Avg @ 5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com