Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT9209 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT9209
Description  LVPECL,LVDS Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT9209 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT9209 Datasheet HTML 1Page - Advanced Crystal Technology ACT9209 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Reflow
10 Secs max @ 240 Deg C
Please enquire for full profile
Please specify
ISO9001 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
Tel :
0044 (0) 118 979 1238
Fax :
0044 (0) 118 979 1283
email :
info@actcrystals.com
0.6nS typ.
10pS RMS max
1.125VDC max (LVDS)
1.375VDC min (LVDS)
VDD -1.63VDC max (LVPECL)
VDD -1.02VDC min (LVPECL)
100
Ω differential Load (LVDS)
50
Ω into VDD -2.0V (LVPECL)
10mS max
±3ppm / year max
LVDS
Please specify
Please specify
PECL
PECL
PECL
LVDS
1.25VDC - LVDS
@ 20 ~ 80%
VOH
VDD -1.30VDC - LVPECL
Tw/t
Fa
Tr/Tf
N/CL
Tosc
Iop
Tj
Condition
Specification
25.00 ~ 650.00 MHz
±20ppm ~ ±100ppm
0 ~ +70°C Std, -40 ~ +85°C also avail.
-55 to +125°C
3.3VDC ± 5%
85mA up to 160.0 MHz
Start-up Time
Aging
Jitter
fo
Df/fo
Frequency Range
Frequency Stability
Topr
Tstg
VDD
Output Level ‘0’
Supply Voltage
Supply Current (max)
Output Load
ACT9209 LVPECL / LVDS OSCILLATOR
Specification
Please note that all parameters can not necessarily be specified in the same device
VOL
Symbol
Parameter
95mA 161.00 ~300.0 MHZ
45mA up to 100.0 MHz
70mA 101.0 ~ 650.0 MHZ
40 / 60% Std
Temp Operating Range
In line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without notice
The ACT9209 PECL / LVDS Oscillator is a miniature low profile device allowing for frequencies up to 650
MHz to be available in a 7X5 mm surfacemount package.
This device is ideal for a wide range of applications where PCB space dictates small size
and / or automatic assembly is a requirement. The ACT9209 utilises a 6x3.5mm crystal and a multiplier
making it suitable for design into many applications requiring higher frequencies, including
Communications / Wireless Equipment, Networking and many more. The parts are available loose or on
1K reels to accommodate low / high volume requirements.
Customer to specify :Frequency, Frequency Stability, Operating Temperature Range, Output type
100mA 301.00 ~ 650.0 MHz
Temp Storage Range
Output Level ‘1’
Rise & Fall Time (max)
Duty Cycle
#1 ID Mark
5.0 ± 0.2
7.0 ± 0.2
1.8 ± 0.2
0.8
1.2
1.4
5.08
2.6
2.0
4.2
1.8
5.08
Suggested Footprint
1
2
3
4
5
6
Tri-State
Not Connected
Ground
Output
Complementary Output
Vdd
Pad Connections
Dimensions in mm
1
2
3
5
4
6
Issue :5 D2
Date :01/08/05


Similar Part No. - ACT9209

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACT9200 ETC-ACT9200 Datasheet
204Kb / 1P
MINIATURE LOW PROFILE SURFACE MOUNT PACKAGE
logo
Advanced Crystal Techno...
ACT9200 ACT-ACT9200 Datasheet
97Kb / 3P
miniature, low profile SMD
2/11/05
ACT9200L ACT-ACT9200L Datasheet
96Kb / 3P
miniature, low profile SMD
1/10/05
ACT9200SSC ACT-ACT9200SSC Datasheet
479Kb / 6P
a miniature, low profile SMD
01/02/06
ACT9200SSCL ACT-ACT9200SSCL Datasheet
304Kb / 5P
miniature, low profile SMD
26/10/05
More results

Similar Description - ACT9209

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9210 ACT-ACT9210 Datasheet
118Kb / 2P
LVPECL , PECL , LVDS OSCILLATOR
9-11-05
ACT9211 ACT-ACT9211 Datasheet
150Kb / 1P
LVPECL or LVDS Clock Oscillator
13/2/08
ACT9212 ACT-ACT9212 Datasheet
181Kb / 2P
LVPECL , LVDS OSCILLATOR
9/11/05
logo
CTS Corporation
635 CTS-635 Datasheet
153Kb / 4P
LVPECL or LVDS CLOCK OSCILLATOR
logo
Vectron International, ...
VC-709 VECTRON-VC-709 Datasheet
291Kb / 8P
HCSL, LVDS, LVPECL Crystal Oscillator
VC-806_1106 VECTRON-VC-806_1106 Datasheet
176Kb / 7P
LVPECL, LVDS Crystal Oscillator
VM-702 VECTRON-VM-702 Datasheet
282Kb / 8P
MEMS based HCSL, LVDS, LVPECL Oscillator
logo
Micrel Semiconductor
DSC2032 MICREL-DSC2032 Datasheet
641Kb / 6P
Low-Jitter Configurable LVDS-LVPECL Oscillator
logo
Microchip Technology
VC-714 MICROCHIP-VC-714 Datasheet
1Mb / 18P
LVPECL, LVDS Crystal Oscillator
02/28/20
VC-830 MICROCHIP-VC-830 Datasheet
1Mb / 18P
LVPECL, LVDS Crystal Oscillator
02/28/20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com