Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT9211 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT9211
Description  LVPECL or LVDS Clock Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT9211 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT9211 Datasheet HTML 1Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Output
Output Differential Voltage
Offset Voltage
Part Code SX
Part code SC
#
Part code SC
# : Not for new designs
Output Enable High
Enable High
Enable Low
Enable High
Output Enable Low
Disable low
Disable high
Disable Low
Period Jitter(pk-pk)
20ps typical 25ps max
ISO9001:2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
Fa
Tr/Tf
VOH
Period Jitter (rms)
2.0ps typical 3.0ps max
Specification
ACT9211 LVPECL or LVDS Clock Oscillator
Tosc
9.5000MHz ~ 200.00MHz
-55ºC~+125ºC
Δf/f
0
Frequency
Frequency Stability
Tstg
VDD
Tel :
0044 (0) 118 979 1238
Fax :
0044 (0) 118 979 1283
email :
info@actcrystals.com
Tw/t
( Inclusive of Operating Temperature, Range, Supply Voltage & Load )
Please specify
The ACT9211 7x5mm LVPECL/ LVDS Oscillator is a miniature low profile device allowing for frequencies up to
200.0MHz to be available in a 7X5 mm SMD package utilising fundamental and 3rd overtone crystals and without
employing a multiplier. The metal lid is grounded through the ceramic package and the pads are gold plated. This
device is particularly suited to Communications Wireless & Networking applications and also to many other
applications where an LVPECL or LVDS output is desirable. These competitively priced devices are available
packaged as loose or taped and reeled parts, to suit both low and higher volume requirements.
Duty Cycle
±20,±30,±50 or ±100ppm
Symbol
Supply Voltage
IDD
Supply Current (max)
VOL
Output Load
N/CL
Output Level ‘1’
Output Level ‘0’
Start-up Time
Rise & Fall Time (max)
Aging
In line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without notice
Please note that all parameters can not necessarily be specified in the same device
Customer to Specify : Frequency, Frequency Stability, Voltage, Operating Temperature Range, LVPECL or LVDS & Duty Cyc
Phase Jitter
0.7ps typical 1.0ps max
@20~80% of Waveform
±3ppm/year max
@ 25ºC
10mS max
700pS Typical, 1.5nS max
(12kHz ~ 20MHz )
Parameter
Specification
Storage Temp Range
Operating Temp Range
Topt
Condition
Please specify
Please specify
f0
0~+70ºC /-10~+70°C /-20~+70°C / -40~+85ºC
50±10% Std, 50±5% Optional ( 50% of Waveform)
Please specify
LVPECL
2.5VDC ±5% & 3.3V ±5%
Please specify
VDD-1.025V min
Please specify
LVDS
2.5VDC ±5% & 3.3V ±5%
45mA max (2.5V ), 55mA max (3.3V)
1.1V max
1.4V min
247~454mV, 350mv Typical
1.125~1.375V, 1.2V Typical
65mA max (2.5V ), 80mA max (3.3V)
VDD-1.620V max
No connection(default)
No connection(default)
100
Ω Differential Load
VDD-2.0VDC to 50Ω
Issue : 4 SKr
Date : 13/2/08
Pad Surface Finish : Au over Ni
TAPE AND REEL SPECIFICATION
Standard Reel Size 1K pieces
Complementary Output


Similar Part No. - ACT9211

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9210 ACT-ACT9210 Datasheet
118Kb / 2P
LVPECL , PECL , LVDS OSCILLATOR
9-11-05
ACT9212 ACT-ACT9212 Datasheet
181Kb / 2P
LVPECL , LVDS OSCILLATOR
9/11/05
ACT9213 ACT-ACT9213 Datasheet
272Kb / 3P
LVPECL OSCILLATOR
16/08/05
ACT9214 ACT-ACT9214 Datasheet
276Kb / 3P
LVDS OSCILLATOR
16/08/05
More results

Similar Description - ACT9211

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M5R MTRONPTI-M5R Datasheet
227Kb / 1P
9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
M5RJ MTRONPTI-M5RJ Datasheet
264Kb / 1P
9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
logo
Advanced Crystal Techno...
ACT9SKV-6 ACT-ACT9SKV-6 Datasheet
134Kb / 3P
LVPECL or LVDS Voltage Controlled Oscillator
2/11/05
ACT9209 ACT-ACT9209 Datasheet
67Kb / 2P
LVPECL,LVDS Oscillator
01/08/05
ACT9212 ACT-ACT9212 Datasheet
181Kb / 2P
LVPECL , LVDS OSCILLATOR
9/11/05
logo
CTS Corporation
635 CTS-635 Datasheet
153Kb / 4P
LVPECL or LVDS CLOCK OSCILLATOR
logo
MTRONPTI
M5R MTRONPTI-M5R_07 Datasheet
370Kb / 2P
9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
M5RJ MTRONPTI-M5RJ_08 Datasheet
513Kb / 2P
9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
logo
Maxim Integrated Produc...
DS4M125 MAXIM-DS4M125 Datasheet
138Kb / 7P
3.3V Margining Clock Oscillator with LVPECL/LVDS Output
Rev 0; 12/07
logo
CTS Corporation
626 CTS-626 Datasheet
820Kb / 10P
Very Low Jitter LVPECL or LVDS Clock
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com