Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT9212 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT9212
Description  LVPECL , LVDS OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT9212 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT9212 Datasheet HTML 1Page - Advanced Crystal Technology ACT9212 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Reflow
Table 1 Frequency Stability v (Temperature, Aging, Vdd+/-5% Load change, & Adjustment at 25°C)
ISO9001:2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
Tel :
0044 (0) 118 979 1238
Fax :
0044 (0) 118 979 1283
email :
info@actcrystals.com
0.6nS Typical
5pS RMS max
1.25VDC - LVDS
@ 20/80%
1.125VDC max (LVDS)
1.375VDC min (LVDS)
VDD -1.63VDC max (LVPECL)
VDD -1.02VDC min (LVPECL)
3.3VDC LVPECL
Please specify
Please specify
2v5VDC LVPECL
2v5VDC LVPECL
2v5VDC LVDS
3.3VDC LVPECL
Please specify
VDD -1.30VDC - LVPECL
Fa
Tr/Tf
N/CL
Tosc
50
Ω into VDD -2.0V (LVPECL)
10mS max
±3ppm / year max
Tw/t
100
Ω differential Load (LVDS)
0 ~ +70°C Std, -40 ~ +85°C also available
-55 to +125°C
2.5VDC & 3.3VDC ± 5%
70mA
Up to 320.0 MHz
Condition
Specification
181.0 ~ 650.00 MHz (PLL)
Please refer to Table 1
Please specify
Aging
Jitter
fo
Df/fo
Frequency Range
Frequency Stability
Topr
Tstg
Vdd
Tj
The ACT912 PECL / LVDS Oscillator is a miniature low profile device allowing for frequencies from 181.0
to 650.0 MHz to be available in a 7X5 mm Surface Mount Device.
This device is suitable for a wide range of applications where board space dictates small size
and / or automatic assembly is a requirement. It is suitable for design into many applications including
Communications Equipment, Networking and many more.
ACT9212 LVPECL / LVDS OSCILLATOR
Specification
Please note that all parameters can not necessarily be specified in the same device
VOL
Symbol
Parameter
90mA
321.0 ~650.0 MHZ
80mA
Up to 320.0 MHz
100mA 321.0 ~650.0 MHZ
Output Load
Start-up Time
65mA
181.0~ 650.0 MHz
65mA
181.0 ~ 650.0 MHz
40 / 60% Std
VOH
3.3VDC LVDS
Temp Operating Range
Output Level ‘1’
Rise & Fall Time (max)
Duty Cycle
Output Level ‘0’
Temp Storage Range
Supply Voltage
Supply Current (max)
Iop
-10 ~ +70°C
-20~+70°C
-40 ~ +85°C
+/-20ppm
+/-25ppm
+/-30ppm
+/-50ppm
+/-100ppm
Standard
Customer to specify :Frequency, Frequency Stability, Operating Temperature Range, Output enable, Voltage, Duty Cycle & Output typ
In line with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
See reflow profile ( Page 2 )
Issue :2 D2
Date : 9/11/05
Tri-State
N/C
Ground
Output
Complementary Output
Vdd
#1
#2
#3
#4
#5
#6
Pin Connection
Pad surface material
AU


Similar Part No. - ACT9212

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9210 ACT-ACT9210 Datasheet
118Kb / 2P
LVPECL , PECL , LVDS OSCILLATOR
9-11-05
ACT9211 ACT-ACT9211 Datasheet
150Kb / 1P
LVPECL or LVDS Clock Oscillator
13/2/08
ACT9213 ACT-ACT9213 Datasheet
272Kb / 3P
LVPECL OSCILLATOR
16/08/05
ACT9214 ACT-ACT9214 Datasheet
276Kb / 3P
LVDS OSCILLATOR
16/08/05
More results

Similar Description - ACT9212

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9209 ACT-ACT9209 Datasheet
67Kb / 2P
LVPECL,LVDS Oscillator
01/08/05
ACT9210 ACT-ACT9210 Datasheet
118Kb / 2P
LVPECL , PECL , LVDS OSCILLATOR
9-11-05
ACT9211 ACT-ACT9211 Datasheet
150Kb / 1P
LVPECL or LVDS Clock Oscillator
13/2/08
logo
CTS Corporation
635 CTS-635 Datasheet
153Kb / 4P
LVPECL or LVDS CLOCK OSCILLATOR
logo
Vectron International, ...
VC-709 VECTRON-VC-709 Datasheet
291Kb / 8P
HCSL, LVDS, LVPECL Crystal Oscillator
VC-806_1106 VECTRON-VC-806_1106 Datasheet
176Kb / 7P
LVPECL, LVDS Crystal Oscillator
VM-702 VECTRON-VM-702 Datasheet
282Kb / 8P
MEMS based HCSL, LVDS, LVPECL Oscillator
logo
Micrel Semiconductor
DSC2032 MICREL-DSC2032 Datasheet
641Kb / 6P
Low-Jitter Configurable LVDS-LVPECL Oscillator
logo
Microchip Technology
VC-714 MICROCHIP-VC-714 Datasheet
1Mb / 18P
LVPECL, LVDS Crystal Oscillator
02/28/20
VC-830 MICROCHIP-VC-830 Datasheet
1Mb / 18P
LVPECL, LVDS Crystal Oscillator
02/28/20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com