Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT9213 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT9213
Description  LVPECL OSCILLATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT9213 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT9213 Datasheet HTML 1Page - Advanced Crystal Technology ACT9213 Datasheet HTML 2Page - Advanced Crystal Technology ACT9213 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
* Inclusive of 25°C Tolerance, Operating temperature stability, Vdd, Output load, first year aging, shock and vibration
Standard frequencies MHz :
155.52
156.25
187.50
212.50
ACT9213 LVPECL OSCILLATOR
1.0ps
Tel :
0044 (0) 118 979 1238
Fax :
0044 (0) 118 979 1283
email :
info@actcrystals.com
0.5ns typical 1.0ns max
fo<160MHz Vdd-1.62Vmax fo>160MHz Vdd-1.7V max
ISO9001:2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
Fa
Tr/Tf
N/CL
VOH
77.76
106.52
125.00
Tj
Tosc
RL 50
Ω to Vdd - 2V
5ms max
±3.0 ppm/yr max
Condition
Specification
40 ~ 350MHz
±20 ~ ±100ppm max
*
Iop
Tw/t
fo>160MHz Vdd-1.025Vmin fo>160MHz Vdd-1.4V min
3.3V (3.17V Min, 3.47V max)
99mA
Rise & Fall Time (max)
Aging
Phase Jitter
fo
Δf/fo
Frequency Range
Frequency Stability
Top
Tstg
Vdd
In line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without notice
Specification
Please note that all parameters can not necessarily be specified in the same device
VOL
Customer to specify :Frequency, Frequency Stability, Operating Temperature Range
Symbol
Parameter
50% ± 10%
Output Load
Start-up Time
The ACT9213 LVPECL Oscillator is a miniature low profile device allowing for frequencies up to 350.0MHz to be
available in a 7X5 mm SMD package. The metal lid is grounded through the ceramic package and the pads are
gold plated. This device is particularly suited to Communications / Networking applications and also to many
other applications where a low voltage LVPECL output is required. Only 7x5mm this device is particularly popular
where board space dictates small size and / or automatic assembly is a requirement. The devices are available
loose or taped and reeled to suit both low and higher volume requirements.
Temp Operating Range
Temp Storage Range
Output Level ‘1’
Duty Cycle
Output Level ‘0’
Supply Voltage
Supply Current (max)
-40 ~ +85°C standard
-55 ~ +125°C
Output Enable Function
Pin 1
Enable Voltage high
Venh
2.4V min Vdd max
Enable Voltage low
Venl
Ground min 0.8V max
Standby Current
Isb
10
μA max
12kHz to 20MHz
Please specify
Please specify
Within ±0.5ppm of fo & power to 90%
final amplitude
Others available please enquire
20-80% output Voltage
OE low
Issue : 1 T6
Date :16/08/05
Lead free - RoHS comp.
Pad surface plating Au 0.7-
1.2um
Pin Functions:
1: OE
2: No Connection
3: Ground
4: Output
5: Complementary output
6:Vdd
Page 1 of 3


Similar Part No. - ACT9213

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9210 ACT-ACT9210 Datasheet
118Kb / 2P
LVPECL , PECL , LVDS OSCILLATOR
9-11-05
ACT9211 ACT-ACT9211 Datasheet
150Kb / 1P
LVPECL or LVDS Clock Oscillator
13/2/08
ACT9212 ACT-ACT9212 Datasheet
181Kb / 2P
LVPECL , LVDS OSCILLATOR
9/11/05
ACT9214 ACT-ACT9214 Datasheet
276Kb / 3P
LVDS OSCILLATOR
16/08/05
More results

Similar Description - ACT9213

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9212 ACT-ACT9212 Datasheet
181Kb / 2P
LVPECL , LVDS OSCILLATOR
9/11/05
ACTMPX11-6 ACT-ACTMPX11-6 Datasheet
163Kb / 3P
LVPECL Saw Oscillator
26/07/05
logo
List of Unclassifed Man...
CHEZ-A5BP ETC2-CHEZ-A5BP Datasheet
52Kb / 1P
LVPECL Oscillator LVPECL Output
CAEZ-A5BP22.5792TS ETC2-CAEZ-A5BP22.5792TS Datasheet
52Kb / 1P
LVPECL Oscillator
logo
Crystek Corporation
CCPD-024 CRYSTEKCRYSTAL-CCPD-024_15 Datasheet
116Kb / 3P
LVPECL Clock Oscillator
logo
Connor-Winfield Corpora...
PMXXX CONNOR-WINFIELD-PMXXX Datasheet
316Kb / 2P
LVPECL Clock Oscillator
logo
Fox Electronics
O3PS FOX-O3PS Datasheet
254Kb / 3P
3.2x2.5mm LVPECL Oscillator
O7PS FOX-O7PS Datasheet
210Kb / 4P
7x5mm LVPECL Oscillator
logo
AiT Semiconductor Inc.
KOP3225 AITSEMI-KOP3225 Datasheet
252Kb / 1P
LVPECL CRYSTAL OSCILLATOR
KOPM AITSEMI-KOPM Datasheet
241Kb / 1P
LVPECL CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com