Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2405MGUR-RSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG2405MGUR-RSP
Description  2.4GHz 5dBi MAGMOUNT OMNI ANTENNA W/10 FOOT PIGTAIL AND CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2405MGUR-RSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG2405MGUR-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL# HG2405MGUR-
SUFFIX
CONNECTOR TYPE
NF
N-FEMALE
NM
N-MALE
RSP
RP SMA-PLUG
RTP
RP TNC-PLUG
SM
SMA MALE
NOTES:
PACKAGING:
COMPONENT SHALL BE PACKAGED IN ACCORDANCE
WITH L-COM SPEC PKG-00012
- ALL DIMENSIONS FOR REFERENCE ONLY -
NOTES:
PACKAGING:
COMPONENT SHALL BE PACKAGED IN ACCORDANCE
WITH L-COM SPEC PKG-00012
- ALL DIMENSIONS FOR REFERENCE ONLY -
43321
7
B.PUCHASKI
02/04/15
A
PROJECTION
CATEGORY
02/04/15
8
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
COLOR VARIATIONS
B
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
HG2405MGUR
B
HG2405MGUR.SLDDRW
11
K.BURGNER
02/04/15
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
P.PESA
A
INITIAL RELEASE
ECN 8625 REMOVE REGULATORY COMPLIANCE NOTE ON DRAWING
D.GRIFFIN
J.LABOY
DIMENSIONS ARE IN INCHES [mm]
6
A
NORTH ANDOVER, MA
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
B
01/30/17
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
W/10 FOOT PIGTAIL AND CONNECTOR
ANTENNA
NONE
FSCM NO.
2.4GHz 5dBi MAGMOUNT OMNI ANTENNA
UNLESS OTHERWISE SPECIFIED,
PRODUCT DESCRIPTION
MAY OCCUR
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
ANGULAR TOLERANCES:
ALL = ± 1°
PIGTAIL
CONNECTOR
10 FOOT
SEE CHART FOR
CONNECTOR TYPE
3.0 76
ABSORPTION
FOR SHOCK
FLEXABLE SHAFT
MAGNETIC
BASE


Similar Part No. - HG2405MGUR-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2405MGUR-NM L-COM-HG2405MGUR-NM Datasheet
32Kb / 1P
2.4GHz 5dBi MAGMOUNT OMNI ANTENNA W/10 FOOT PIGTAIL AND CONNECTOR
02/04/15
HG2405MGUR-SM L-COM-HG2405MGUR-SM Datasheet
32Kb / 1P
2.4GHz 5dBi MAGMOUNT OMNI ANTENNA W/10 FOOT PIGTAIL AND CONNECTOR
02/04/15
More results

Similar Description - HG2405MGUR-RSP

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
ANT-24G-HL90-SMA RFSOLUTIONS-ANT-24G-HL90-SMA Datasheet
592Kb / 4P
2.4GHz Antenna
logo
List of Unclassifed Man...
OMB868B05F21 ETC2-OMB868B05F21 Datasheet
395Kb / 9P
5dBi 868MHz ISM Band Indoor/Outdoor Omni-Directional Antenna
TI165F11 ETC2-TI165F11 Datasheet
553Kb / 13P
915MHz 5dBi Outdoors Omni-Directional Rigid Whip Antenna
logo
Level One
OAN-0501 LVL1-OAN-0501 Datasheet
137Kb / 2P
Omni-directional 5dBi Indoor Antenna
logo
Pulse A Technitrol Comp...
DASLTE500NF PULSE-DASLTE500NF Datasheet
1Mb / 4P
Low PIM In-building Omni Antenna with Pigtail
RO17102NM PULSE-RO17102NM Datasheet
240Kb / 3P
Radome Omni Antenna
W5067 PULSE-W5067 Datasheet
490Kb / 7P
Radome Omni ??Omni directional Antenna
logo
Taoglas antenna solutio...
GW.71.5153 TAOGLAS-GW.71.5153 Datasheet
945Kb / 28P
5dBi High Performance Antenna
logo
TE Connectivity Ltd
C-2118898 TEC-C-2118898 Datasheet
157Kb / 1P
ISM ANTENNA 915MHZ AND 2.4GHZ
logo
rfsolutions.ltd
ANT-24G-S21-P5FL RFSOLUTIONS-ANT-24G-S21-P5FL Datasheet
1Mb / 4P
2.4GHz Miniature PIGTail Antenna
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com